Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-MB00 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MB00
Description  Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MB00 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MB00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MB00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Optical Characteristics at 350 mA (TJ = 25°C)
Part Number
Color
Peak Wavelength,
λ
PEAK (nm)
Dominant Wave-
length, λ
D
[1]
(nm)
Viewing Angle,
2θ½[2] (°)
Luminous Efficiency
(lm/W)
Typ
Typ
Typ
Typ
ASMT-MR00-AGH00
Red
635
625
120
48
ASMT-MR00-AHJ00
Red
635
625
120
54
ASMT-MA00-AGH00
Amber
598
590
120
48
ASMT-MG00
Green
519
525
120
54
ASMT-MB00
Blue
454
460
120
13
Electrical Characteristic at 350 mA (T
J = 25°C)
Dice type
Forward Voltage V
F (Volts) at IF = 350mA
Thermal Resistance
Rθ j-ms ( °C/W)[1]
Min.
Typ.
Max.
Typ.
AllnGaP
1.7
2.1
2.3
12
InGaN
2.8
3.2
3.5
10
Notes:
1. Rθ j-ms is Thermal Resistance from LED junction to metal slug.
Figure 1. Relative Intensity vs. Wavelength for AlInGaP
Figure 2. Forward Current vs Forward Voltage for AlInGaP
Figure 3. Relative Luminous Flux vs. Mono Pulse Current for AlInGaP
Figure 4. Radiation Pattern for AlInGaP
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
RED
AMBER
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
FORWARD VOLTAGE -V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50 100 150 200 250 300 350 400 450 500
MONO PULSE CURRENT - mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-70
-50
-30
-10
10
30
50
70
90
OFF-AXIS ANGLE(°)


Similar Part No. - ASMT-MB00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
195Kb / 13P
   MoonstoneTM 1 W Power LED Light Source
ASMT-MB00-NDF00 AVAGO-ASMT-MB00-NDF00 Datasheet
195Kb / 13P
   MoonstoneTM 1 W Power LED Light Source
More results

Similar Description - ASMT-MB00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MY22-NMP00 AVAGO-ASMT-MY22-NMP00 Datasheet
170Kb / 12P
   Moonstone 3 W High Brightness Power LED Light Source
logo
OSRAM GmbH
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
   Suitable for reflow soldering
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MT00 AVAGO-ASMT-MT00 Datasheet
307Kb / 9P
   Moonstone Tri-Color Power LED Light Source
logo
Broadcom Corporation.
ASMT-MT00 BOARDCOM-ASMT-MT00 Datasheet
697Kb / 12P
   Moonstone??Tri-Color Power LED Light Source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com