Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-53189 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-53189
Description  Enhancement Mode Pseudomorphic HEMT in SOT 89 Package Single voltage operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-53189 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-53189 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Figure 1. Block diagram of the 2 GHz production test board used for NF, Gain, OIP3 , P1dB, PAE and
ACLR measurements. This circuit achieves a trade-off between optimal OIP3, P1dB and VSWR. Circuit
losses have been de-embedded from actual measurements.
Input
Output
Output Matching Circuit
Γ_mag=0.40
Γ_ang=120.0°
Input Matching Circuit
Γ_mag=0.74
Γ_ang=-112.4°
DUT
Notes:
1. Distribution data sample size is 500 samples taken from 3 different wafers. Future wafers
allocated to this product may have nominal values anywhere between the upper and lower
limits.
2. Measurements are made on production test board, which represents a trade-off between
optimal OIP3, P1dB and VSWR. Circuit losses have been de-embedded from actual measure-
ments.
Product Consistency Distribution Charts[1,2]
Figure 2. OIP3 @ 2 GHz, 4V, 135 mA.
LSL = 36 dBm, Nominal = 40 dBm.
OIP3 (dBm)
36 37 38 39 40 41 42 43 44 45
150
120
90
60
30
0
Stdev=0.86
+3 Std
–3 Std
Figure 3. NF @ 2 GHz, 4V, 135 mA.
USL = 1.30 dBm, Nominal = 0.84 dBm.
NF (dB)
.5
.6
.7
.8
.9
1
1.1
150
120
90
60
30
0
Stdev=0.08
+3 Std
–3 Std
Figure 4. Gain @ 2 GHz, 4V, 135 mA.
LSL = 14 dBm, Nominal = 15.5 dBm,
USL = 17 dBm.
Gain (dB)
14.5
15
15.5
16
16.5
150
120
90
60
30
0
Stdev=0.22
+3 Std
–3 Std
Figure 5. P1dB @ 2 GHz, 4V, 135 mA.
Nominal = 23 dBm.
P1dB (dBm)
19
20
21
22
23
24
25
26
150
120
90
60
30
0
Stdev=1.14
+3 Std
–3 Std


Similar Part No. - ATF-53189

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-53189 HP-ATF-53189 Datasheet
145Kb / 14P
   Enhancement Mode Pseudomorphic HEMT in SOT 89 Package
logo
Broadcom Corporation.
ATF-53189 BOARDCOM-ATF-53189 Datasheet
514Kb / 17P
   Enhancement Mode[1] Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
   Enhancement Mode Pseudomorphic HEMT
More results

Similar Description - ATF-53189

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-53189 HP-ATF-53189 Datasheet
145Kb / 14P
   Enhancement Mode Pseudomorphic HEMT in SOT 89 Package
logo
Broadcom Corporation.
DEMO-ATF-5X189 BOARDCOM-DEMO-ATF-5X189 Datasheet
430Kb / 22P
   Enhancement Mode[1] Pseudomorphic HEMT in SOT 89 Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
   Enhancement Mode Pseudomorphic HEMT
ATF-50189 AVAGO-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-50189 BOARDCOM-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode[1] Pseudomorphic HEMT
ATF-53189 BOARDCOM-ATF-53189 Datasheet
514Kb / 17P
   Enhancement Mode[1] Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com