Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-53189 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-53189
Description  Enhancement Mode Pseudomorphic HEMT in SOT 89 Package Single voltage operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-53189 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-53189 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-53189 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Notes:
1. F
min values at 2 GHz and higher are based on measurements while the Fmin below 2 GHz have been extrapolated. The Fmin values are based on
a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true Fmin
is calculated. Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of
the gate lead. The output reference plane is at the end of the drain lead.
ATF-53189 Typical Scattering and Noise Parameters at 25°C, V
DS = 4.0V, IDS = 180 mA
Freq.
GHz
S
11
S
21
S
12
S
22
MSG/MAG
dB
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.1
0.776
-48.1
32.2
40.839
154.1
-38.4
0.012
65.5
0.428
-39.3
35.3
0.2
0.798
-84.7
30.7
34.138
135.6
-34.0
0.02
50.5
0.411
-71.3
32.3
0.3
0.818
-110.2
29.0
28.059
121.7
-32.0
0.025
39.4
0.396
-94.8
30.5
0.4
0.832
-128.2
27.3
23.278
111.2
-31.4
0.027
31.7
0.384
-111.6
29.4
0.5
0.835
-151.9
24.8
17.424
100.1
-31.7
0.026
23.3
0.397
-146.6
28.3
0.6
0.84
-160.3
23.4
14.811
94.8
-31.7
0.026
20.5
0.401
-153.7
27.6
0.7
0.842
-166.9
22.2
12.876
90.2
-31.4
0.027
18.6
0.403
-159
26.8
0.8
0.843
-172.2
21.1
11.394
86.3
-31.4
0.027
17.5
0.402
-163.3
26.3
0.9
0.844
-176.9
20.2
10.225
82.7
-31.1
0.028
16.5
0.4
-166.8
25.6
1.0
0.847
178.8
19.3
9.256
79.3
-31.1
0.028
15.7
0.398
-169.8
25.2
1.5
0.847
161.9
16.0
6.316
64.7
-30.2
0.031
13.4
0.389
178.4
23.1
2.0
0.847
147.6
13.7
4.818
51.4
-29.4
0.034
11
0.377
169.3
21.5
2.5
0.843
133.8
11.9
3.928
38.4
-28.6
0.037
7.6
0.367
160.5
18.9
3.0
0.841
119.8
10.6
3.369
25.2
-28.0
0.04
2.5
0.365
152.5
17.0
3.5
0.851
110
9.6
3.036
14.5
-27.5
0.042
-2.4
0.385
143.8
16.3
4.0
0.862
100.1
8.6
2.702
3.7
-27.3
0.043
-7.3
0.405
135.2
15.5
5.0
0.882
80.4
6.2
2.034
-17.9
-26.9
0.045
-17.2
0.446
117.8
13.5
6.0
0.903
60.7
2.7
1.367
-39.4
-26.4
0.048
-27
0.486
100.5
10.8
7.0
0.939
44
0.2
1.027
-59.4
-27.1
0.044
-37.6
0.544
87.1
10.5
8.0
0.956
31.8
-2.1
0.786
-77.8
-27.7
0.041
-48.7
0.607
72.6
10.0
9.0
0.94
23.2
-4.6
0.586
-94.2
-29.1
0.035
-61.5
0.669
57.9
6.7
10.0
0.948
13.6
-6.8
0.459
-110
-30.8
0.029
-79
0.721
45.5
6.1
11.0
0.942
2.6
-8.7
0.368
-126.9
-34.0
0.02
-117
0.756
35.1
4.8
12.0
0.92
-4.3
-10.3
0.305
-141.2
-38.4
0.012
-172.6
0.784
24.8
2.3
13.0
0.959
-15.4
-12.3
0.244
-161.1
-35.4
0.017
104.4
0.794
15.1
3.7
14.0
0.952
-20.1
-14.3
0.193
-171.7
-35.4
0.017
73.2
0.812
7.6
0.8
15.0
0.943
-21
-15.5
0.168
179.4
-35.9
0.016
82.9
0.847
1.3
-0.3
16.0
0.956
-24.2
-16.2
0.155
169.6
-34.0
0.02
81.5
0.852
-2.9
0.3
17.0
0.959
-31.9
-16.0
0.159
155.5
-31.4
0.027
87
0.865
-7.8
1.5
18.0
0.918
-43.5
-15.7
0.164
137.8
-28.4
0.038
78.1
0.847
-14.7
-2.0
Figure 36. MSG/MAG & |S21|2 vs. and
Frequency at 4.0V/180 mA.
FREQUENCY (GHz)
018
24
68
10
12 14
16
40
30
20
10
0
-10
-20
MSG
MAG
S21
Freq
GHz
Fmin
dB
Gamma Opt
Rn/50
Ga
dB
Mag
Ang
0.5
0.9
1.0
1.5
2.0
2.4
3.0
3.5
5.0
5.8
6.0
7.0
8.0
9.0
10.0
0.65
0.76
0.79
0.86
0.94
1.00
1.10
1.17
1.41
1.53
1.56
1.72
1.87
2.03
2.18
0.394
0.417
0.423
0.465
0.509
0.545
0.600
0.645
0.777
0.840
0.855
0.920
0.970
0.993
0.997
163.6
172.4
175.3
-165.4
-147.7
-134.6
-116.7
-103.3
-70.0
-56.1
-52.9
-39.0
-27.5
-19.1
-7.5
0.11
0.09
0.08
0.08
0.06
0.08
0.16
0.28
0.35
0.41
0.42
0.51
0.97
1.88
2.54
25.82
21.83
21.71
18.70
17.63
16.45
14.90
13.53
11.35
10.31
10.38
9.79
7.91
6.11
4.56


Similar Part No. - ATF-53189

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-53189 HP-ATF-53189 Datasheet
145Kb / 14P
   Enhancement Mode Pseudomorphic HEMT in SOT 89 Package
logo
Broadcom Corporation.
ATF-53189 BOARDCOM-ATF-53189 Datasheet
514Kb / 17P
   Enhancement Mode[1] Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
   Enhancement Mode Pseudomorphic HEMT
More results

Similar Description - ATF-53189

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-53189 HP-ATF-53189 Datasheet
145Kb / 14P
   Enhancement Mode Pseudomorphic HEMT in SOT 89 Package
logo
Broadcom Corporation.
DEMO-ATF-5X189 BOARDCOM-DEMO-ATF-5X189 Datasheet
430Kb / 22P
   Enhancement Mode[1] Pseudomorphic HEMT in SOT 89 Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
   Enhancement Mode Pseudomorphic HEMT
ATF-50189 AVAGO-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-50189 BOARDCOM-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode[1] Pseudomorphic HEMT
ATF-53189 BOARDCOM-ATF-53189 Datasheet
514Kb / 17P
   Enhancement Mode[1] Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com