Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


GTLP10B320 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. GTLP10B320
Description  10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 6 page
background image
www.fairchildsemi.com
6
DC Electrical Characteristics (Continued)
Note 7: All typical values are at VCC = 3.3V and TA = 25°C.
Note 8: For conditions shown as Min, use the appropriate value specified under recommended operating conditions.
Note 9: This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
Note: GTLP VREF and VTT are specified to 2% tolerance since signal integrity and noise margin can be significantly degraded if these supplies are noisy. In
addition, VTT and RTERM can be adjusted beyond the recommended operating to accommodate backplane impedances other than 50Ω, but must remain
within the boundaries of the DC Absolute Maximum Ratings. Similarly, VREF can be adjusted to optimize noise margin.
AC Operating Requirements
Over recommended ranges of supply voltage and operating free-air temperature, VREF = 1.0V (unless otherwise noted).
Symbol
Test Conditions
Min
Typ
Max
Units
(Note 7)
ICC
A or B Ports
VCC = 3.45V
Outputs HIGH
27
45
mA
or C Port
IO = 0
Outputs LOW
27
45
VI = VCC/VTT or GND
Outputs Disabled
27
45
∆I
CC
A Port and
VCC = 3.45V,
One Input at VCC
2mA
(Note 9)
Control Pins
A or Control Inputs at VCC or GND −0.6V
Ci
Control Pins
VI = VCC or 0
4.5
pF
and A Port
C Port
VI = VCC or 0
6
B Port
VI = VCC or 0
9
Symbol
Test Conditions
Min
Max
Unit
fMAX
Maximum Clock Frequency
150
MHz
tWIDTH
Pulse Duration
LECLKAB, LECLKBC HIGH or LOW
3.0
ns
tSET
Setup Time
SAB
= 0
A before LECLKAB
2.1
ns
SBC
= 0 B before LECLKBC↑
2.6
SAB
= 1, SEL = 1, SBC = 0 A before LECLKBC↑
6.8
SAB
= 1, SEL = 0, SBC = 0 A before LECLKBC↑
3.0
SAB
= 1
A before LECLKAB
1.7
SBC
= 1 B before LECLKBC↓
2.2
SAB
= 1, SEL = 1, SBC = 1 A before LECLKBC↓
6.4
SAB
= 1, SEL = 0, SBC = 1 A before LECLKBC↓
2.8
tHOLD
Hold Time
SAB
= 0
A after LECLKAB
2.0
ns
SBC
= 0 B after LECLKBC↑
1.6
SAB
= 1, SEL = 1, SBC = 0 A after LECLKBC↑−1.4
SAB
= 1, SEL = 0, SBC = 0 A after LECLKBC↑
1.4
SAB
= 1
A after LECLKAB
2.5
SBC
= 1 B after LECLKBC↓
2.1
SAB
= 1, SEL = 1, SBC = 1 A after LECLKBC↓−1.0
SAB
= 1, SEL = 0, SBC = 1 A after LECLKBC↓
1.6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74VMEH225018 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74GTLP20338-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH 1 2 3 4 5 MoreTexas Instruments
GTLP1B1511-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path 1 2 3 4 5 MoreFairchild Semiconductor
SN74GTLP220348-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH 1 2 3 4 5 MoreTexas Instruments
SN74GTLP1395TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND SELECTABLE POLARITY 1 2 3 4 5 MoreTexas Instruments
74LVT2245Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT322245Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT162245Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl