Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL-4221N Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL-4221N
Description  High Intensity.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4221N Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL-4221N Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4221N Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4221N Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4221N Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4221N Datasheet HTML 5Page - Lite-On Technology Corporation LTL-4221N Datasheet HTML 6Page - Lite-On Technology Corporation LTL-4221N Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LITE-ON
TECHNOLOGY CORPORATION
Property of Lite-On Only
Typical Electrical / Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Part No. : LTL-4221N
Page :
4
of
7
BNS-OD-C131/A4


Similar Part No. - LTL-4221N

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4221N-002 LITEON-LTL-4221N-002 Datasheet
446Kb / 6P
   Through Hole Lamp
LTL-4221N-002A LITEON-LTL-4221N-002A Datasheet
555Kb / 9P
   Through Hole Lamp
LTL-4221N-022 LITEON-LTL-4221N-022 Datasheet
535Kb / 11P
   Through Hole Lamp
LTL-4221N-022A LITEON-LTL-4221N-022A Datasheet
581Kb / 12P
   Through Hole Lamp
LTL-4221N-071A LITEON-LTL-4221N-071A Datasheet
672Kb / 12P
   Through Hole Lamp
More results

Similar Description - LTL-4221N

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Lite-On Technology Corp...
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com