Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL-2H3VSKNT Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL-2H3VSKNT
Description  T-13/4 (5mm) Ultra Bright
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-2H3VSKNT Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL-2H3VSKNT Datasheet HTML 1Page - Lite-On Technology Corporation LTL-2H3VSKNT Datasheet HTML 2Page - Lite-On Technology Corporation LTL-2H3VSKNT Datasheet HTML 3Page - Lite-On Technology Corporation LTL-2H3VSKNT Datasheet HTML 4Page - Lite-On Technology Corporation LTL-2H3VSKNT Datasheet HTML 5Page - Lite-On Technology Corporation LTL-2H3VSKNT Datasheet HTML 6Page - Lite-On Technology Corporation LTL-2H3VSKNT Datasheet HTML 7Page - Lite-On Technology Corporation LTL-2H3VSKNT Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
         
       
Absolute Maximum Ratings at TA=25
°°°°C
Parameter
Super
Red
Red
Red
Orange
Red
Orange
Yellow
Orange
Amber
Yellow
Yellow
Unit
Power Dissipation
120
120
120
120
120
120
120
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
130
130
90
90
90
90
90
mA
Continuous Forward Current
50
50
50
50
50
50
50
mA
Derating Linear From 70
°C
0.6
0.6
0.6
0.6
0.6
0.6
0.6
mA /
°C
Reverse Voltage
(IR =100 A)
55555
5
5
V
Operating Temperature Range
-40
°C to + 100°C
Storage Temperature Range
-55
°C to + 100°C
Lead Soldering Temperature
[1.6mm(.063") From Body]
260
 for 5 Seconds

        

 !"#


Similar Part No. - LTL-2H3VSKNT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-201 LITEON-LTL-201 Datasheet
207Kb / 4P
   Low power consumption
LTL-213CH LITEON-LTL-213CH Datasheet
202Kb / 4P
   Property of Lite-On Only
LTL-2221AT LITEON-LTL-2221AT Datasheet
389Kb / 5P
   Through Hole Lamp
LTL-2231AT LITEON-LTL-2231AT Datasheet
378Kb / 5P
   Through Hole Lamp
LTL-2251AT LITEON-LTL-2251AT Datasheet
387Kb / 5P
   Through Hole Lamp
More results

Similar Description - LTL-2H3VSKNT

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
P-tec Corporation
PL16B-WCR11 P-TEC-PL16B-WCR11 Datasheet
29Kb / 1P
   5MM (T1 3/4) Ultra Bright Red LED
PL16B-WCW15Z P-TEC-PL16B-WCW15Z Datasheet
30Kb / 1P
   5MM (T1 3/4) Ultra Bright White LED
PL16C-WCG19 P-TEC-PL16C-WCG19 Datasheet
30Kb / 1P
   5MM T1 3/4 Ultra Bright Green LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com