Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-1205H-SMT Datasheet(PDF) 2 Page - CUI INC

Part # CT-1205H-SMT
Description  MAGNETIC BUZZER TRANSDUCER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CT-1205H-SMT Datasheet(HTML) 2 Page - CUI INC

  CT-1205H-SMT Datasheet HTML 1Page - CUI INC CT-1205H-SMT Datasheet HTML 2Page - CUI INC CT-1205H-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: CT-1205H-SMT │ DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
date
05/03/2013 │ page 2 of 3
CT-1205H
0112
CHINA
MECHANICAL DRAWING
FREQUENCY RESPONSE CURVE
MEASUREMENT METHOD
units: mm
tolerance: ±0.5 mm
180Ω
+2.5V
0
+VDC
TR:
2SC1741AS
RECOMMENDED
PCB LAYOUT
(Top View)


Similar Part No. - CT-1205H-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
CT-1205H-SMT-TR CUI-CT-1205H-SMT-TR Datasheet
594Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/07/2020
logo
CUI Devices
CT-1205H-SMT-TR CUID-CT-1205H-SMT-TR Datasheet
567Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results

Similar Description - CT-1205H-SMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
   Magnetic transducer Buzzer
logo
CUI INC
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-8540S-SMT-TR CUI-CMT-8540S-SMT-TR Datasheet
642Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
11/22/2019
CEM-1201 CUI-CEM-1201_V01 Datasheet
401Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
12/20/2019
CSS-0578-SMT-TR CUI-CSS-0578-SMT-TR Datasheet
488Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
CSS-73B16K-SMT-TR CUI-CSS-73B16K-SMT-TR Datasheet
563Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
03/22/2021
CMT-8530S-SMT-TR CUI-CMT-8530S-SMT-TR_V01 Datasheet
531Kb / 5P
   MAGNETIC BUZZER TRANSDUCER
03/02/2021
CSS-0575A-SMT-TR CUI-CSS-0575A-SMT-TR Datasheet
486Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com