Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHAEC1109348103 Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SHAEC1109348103
Description  ZIBO MICRO COMMERCIAL COMPONENTS CORP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SHAEC1109348103 Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SHAEC1109348103 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SHAEC1109348103 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SHAEC1109348103 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SHAEC1109348103 Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SHAEC1109348103 Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Test Report.
No. SHAEC1109348103
Date: 22 Jun 2011.
Page 2 of 5.
Test Results :.
Test Part Description : .
Specimen No..
SGS Sample ID.
Description.
1.
SHA11-093481.005
Black solid with silver metal(mix all**) .
Remarks :.
(1) 1 mg/kg = 1 ppm = 0.0001% .
(2) MDL = Method Detection Limit .
(3) ND = Not Detected ( < MDL ) .
(4) "-" = Not Regulated .
RoHS Directive 2002/95/EC.
Test Method :. With reference to IEC 62321:2008
(1) Determination of Cadmium by ICP-OES.
(2) Determination of Lead by ICP-OES.
(3) Determination of Mercury by ICP-OES.
(4) Determination of Hexavalent Chromium by Colorimetric Method using UV-Vis.
(5) Determination of PBBs / PBDEs content by GC-MS. .
005.
Cadmium (Cd).
100
mg/kg.
2
ND
Lead (Pb).
1,000
mg/kg.
2
4
Mercury (Hg).
1,000
mg/kg.
2
ND
Hexavalent Chromium (CrVI) .
1,000
mg/kg.
2
ND
Sum of PBBs.
1,000
mg/kg.
-
ND
Monobromobiphenyl .
-
mg/kg.
5
ND
Dibromobiphenyl.
-
mg/kg.
5
ND
Tribromobiphenyl.
-
mg/kg.
5
ND
Tetrabromobiphenyl .
-
mg/kg.
5
ND
Pentabromobiphenyl .
-
mg/kg.
5
ND
Hexabromobiphenyl .
-
mg/kg.
5
ND
Heptabromobiphenyl .
-
mg/kg.
5
ND
Octabromobiphenyl .
-
mg/kg.
5
ND
Nonabromobiphenyl .
-
mg/kg.
5
ND
Decabromobiphenyl .
-
mg/kg.
5
ND
Sum of PBDEs.
1,000
mg/kg.
-
ND
Monobromodiphenyl ether .
-
mg/kg.
5
ND
Test Item(s).
Limit.
Unit.
MDL.
0000430632


Similar Part No. - SHAEC1109348103

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SHAEC1109348102 CHENDA-SHAEC1109348102 Datasheet
310Kb / 6P
   ZIBO MICRO COMMERCIAL COMPONENTS CORP
More results

Similar Description - SHAEC1109348103

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SHAEC1109348102 CHENDA-SHAEC1109348102 Datasheet
310Kb / 6P
   ZIBO MICRO COMMERCIAL COMPONENTS CORP
SHAEC1209369004 CHENDA-SHAEC1209369004 Datasheet
237Kb / 5P
   ZIBO MICRO COMMERCIAL COMPONENTS CORP
SHAEC1209369002 CHENDA-SHAEC1209369002 Datasheet
613Kb / 6P
   ZIBO MICRO COMMERCIAL COMPONENTS CORP
SHAEC1205619302 CHENDA-SHAEC1205619302 Datasheet
242Kb / 10P
   ZIBO MICRO COMMERICAL COMPONENTS CORP
logo
Micro Commercial Compon...
US1D-TP MCC-US1D-TP Datasheet
110Kb / 3P
   Micro Commercial Components Corp
logo
List of Unclassifed Man...
MBRB20100CT-TP ETC2-MBRB20100CT-TP Datasheet
445Kb / 4P
   MICRO COMMERCIAL COMPONENTS 20736 MARILLA STREET CHATSWORTH
logo
Micro Commercial Compon...
AK10-058C-BP MCC-AK10-058C-BP Datasheet
238Kb / 3P
   Micro Commercial Components 20736 Marilla Street Chatsworth CA 91311
logo
List of Unclassifed Man...
SPM-6-250H ETC1-SPM-6-250H Datasheet
77Kb / 1P
   COMMERCIAL SIGNAL PROCESSING RF COMPONENTS
logo
Qualtek Electronics Cor...
710W0003 QUALTEK-710W0003 Datasheet
383Kb / 1P
   Qualtek Electronics Corp
849-06002 QUALTEK-849-06002 Datasheet
525Kb / 1P
   Qualtek Electronics Corp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com