Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKT1206F0R5D250R Datasheet(PDF) 3 Page - Kingtronics International Company

Part # LKT1206F0R5D250R
Description  Low Voltage Multilayer Chip Ceramic Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

LKT1206F0R5D250R Datasheet(HTML) 3 Page - Kingtronics International Company

  LKT1206F0R5D250R Datasheet HTML 1Page - Kingtronics International Company LKT1206F0R5D250R Datasheet HTML 2Page - Kingtronics International Company LKT1206F0R5D250R Datasheet HTML 3Page - Kingtronics International Company LKT1206F0R5D250R Datasheet HTML 4Page - Kingtronics International Company LKT1206F0R5D250R Datasheet HTML 5Page - Kingtronics International Company LKT1206F0R5D250R Datasheet HTML 6Page - Kingtronics International Company LKT1206F0R5D250R Datasheet HTML 7Page - Kingtronics International Company LKT1206F0R5D250R Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
3
LKT
Low Voltage Multilayer Chip Ceramic
Capacitor
 Specification and Test Condition:
1. Appearance
Dielectrics
Specification
Testing Condition
NPO/X7R/X5R/Y5V
No defects or abnormalities
Visual inspection
2. Dimensions
Dielectrics
Specification
Testing Condition
NPO/X7R/X5R/Y5V
Within the specified dimensions
Using calipers on micrometer
3. Capacitance
Dielectrics
Specification
Testing Condition
NPO
Within the specified tolerance
B:±0.1pF;C:±0.25pF;D:±0.5pF;J: ±5%
1.0±0.2Vrms, 1MHz±10%
(C>1000 pF, 1.0±0.2Vrms, 1KHz±10%,)
25℃
X7R/X5R
Within the specified tolerance
J: ±5%;K: ±10%; M: ±20%
1.0±0.2Vrms, 1KHz±10%
Cp>10uF,0.5±0.1Vrms,120±24Hz)
at 25 ,48hrs after annealing
Y5V
Within the specified tolerance
M: ±20%; Z: +80% ~ -20%
1.0±0.2Vrms, 1KHz±10%
Cp>10uF,0.5±0.1Vrms,120±24Hz)
at 25℃, 48hrs after annealing
4. Dissipation Factor
Dielectrics
Specification
Testing Condition
NPO
Cp<30pF, Q≥400+20Cp;
Cp≥30pF, Q≥1000
1.0±0.2Vrms,1MHz±10% ,25℃
(Cp>1000pF,1.0±0.2Vrms,1KHz±10%)
X7R/X5R
VR≥25V, DF ≤2.5%
VR =16V, DF ≤3.5%
VR ≤10V, DF ≤5.0%
1.0±0.2Vrms, 1KHz±10%,
(Cp>10uF,0.5±0.1Vrms,120±24Hz)
at 25℃,48hrs after annealing
Y5V
VR≥25V, DF ≤7.0% (C<1.0μF)
DF ≤9.0% (C≥1.0μF)
VR =16V, DF ≤9.0%
VR ≤10V, DF ≤12.5%
1.0±0.2Vrms, 1KHz±10%,
(Cp>10uF,0.5±0.1Vrms,120±24Hz)
at 25℃,48hrs after annealing
5. Insulation Resistance
Dielectrics
Specification
Testing Condition
NPO/X7R/
X5R/Y5V
More than 10 GΩ or 500Ω·F, whichever is
smaller.
Rated voltage for 60±5sec, at 25℃
6. Dielectric Strength
Dielectrics
Specification
Testing Condition
NPO /X7R/X5R/Y5V
No defects or abnormalities.
No failure shall be observed when 300% (NPO);250%
(X7R/ X5R/Y5V)of the rated voltage is applied between
terminations for 1 to 5 seconds, provided the charge
/discharge current is less than 500mA


Similar Part No. - LKT1206F0R5D250R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LKT1AF-12V PANASONIC-LKT1AF-12V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-24V PANASONIC-LKT1AF-24V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-5V PANASONIC-LKT1AF-5V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-9V PANASONIC-LKT1AF-9V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
More results

Similar Description - LKT1206F0R5D250R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com