Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC25005 Datasheet(PDF) 2 Page - Kingtronics International Company

Part # KBPC25005
Description  High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

KBPC25005 Datasheet(HTML) 2 Page - Kingtronics International Company

  KBPC25005 Datasheet HTML 1Page - Kingtronics International Company KBPC25005 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
KBPC25005 THRU KBPC2510
RATING AND CHARACTERISTIC CURVES KBPC25005 THRU KBPC2510
Note: Specifications are subject to change without notice.


Similar Part No. - KBPC25005

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
KBPC25005 SUNMATE-KBPC25005 Datasheet
1Mb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC25005 SEMTECH-KBPC25005 Datasheet
215Kb / 2P
   10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
RFE international
KBPC25005 RFE-KBPC25005 Datasheet
1Mb / 3P
   Bridge Rectifiers
12-19-2022
logo
Yangzhou yangjie electr...
KBPC25005 YANGJIE-KBPC25005 Datasheet
923Kb / 2P
   SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBPC25005 LUGUANG-KBPC25005 Datasheet
168Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - KBPC25005

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
KBPC25005 KINGTRONICS-KBPC25005_15 Datasheet
412Kb / 2P
   High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
SB1505G TSC-SB1505G Datasheet
70Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15 Datasheet
103Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15_11 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC15 YANGJIE-GBPC15 Datasheet
294Kb / 2P
   HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W_15 Datasheet
391Kb / 2P
   High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC35005 KINGTRONICS-KBPC35005_15 Datasheet
404Kb / 2P
   High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC1500G JGD-KBPC1500G Datasheet
157Kb / 2P
   HIGH CURRENT 15,25,35 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MP1500G JGD-MP1500G Datasheet
160Kb / 2P
   HIGH CURRENT 15 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Surge Components
GBPC15 SURGE-GBPC15 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com