Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKT Datasheet(PDF) 1 Page - Kingtronics International Company

Part # EKT
Description  Chip Tantalum Capacitor Low ESR. SMD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

EKT Datasheet(HTML) 1 Page - Kingtronics International Company

  EKT Datasheet HTML 1Page - Kingtronics International Company EKT Datasheet HTML 2Page - Kingtronics International Company EKT Datasheet HTML 3Page - Kingtronics International Company EKT Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
EKT
Chip Tantalum Capacitor Low ESR– SMD
■Features
- Operating temperature Range: -55℃ to +125℃ (>80℃ with rated voltage derating)
- Laser-mark Case
- Capacitance tolerance: M(±20%); K(±10% , for special order)
- DC leakage at 25℃: Io≤0.01CRVR or 0.5μA (Whichever is greater)
- Dimensions rated voltage and nominal capacitance Please see Table 1 & 2 and Figure 1
■Introduction
The EKT Series is low ESR tantalum chip capacitor suitable
For SMT electric board used for telecommunication computer camcorder and mobile phone set and so on Low ESR value conform
with EIA535BAAC size: Tape and Reeled per EIA481-1
Dimensions (Unit: mm)
Case
L
W
H
S
W1
S
2.0+0.2
1.3-0.2
1.2+-0.2
0.5+-0.3
1.2+-0.1
A
3.2+-0.2
1.6-0.2
1.6+0.2
0.8-0.3
1.2+0.1
B
3.5+-0.2
2.8+-0.2
1.8+-0.2
0.8+-0.3
2.2+-0.1
C
6.0+-0.3
3.2+-0.3
2.5+-0.3
1.3+-0.3
2.2+-0.1
D
7.3+-0.3
4.3+-0.3
2.8+-0.3
1.3+-0.3
2.4+-0.1
E
7.3+-0.3
4.3+-0.3
4.0+-0.3
1.3+-0.3
2.4+-0.1
■Electrolyte Characteristics
Capacitance
(μF)
Case
Size
(Ua@+25℃ Max)
DC Leakage
DF (%)
@85℃
@100Hz (Max)
ESR (Ω)
@25℃
@100KHZ (Max)
Capacitance
(μF)
Case
Size
(Ua@+25℃ Max)
DC Leakage
DF (%)
@85℃
@100Hz (Max)
ESR (Ω)
@25℃
@100KHZ (Max)
4Volt Rating at +85℃ (2.7Volt Rating +125℃)
6.3Volt Rating at +85℃ (4Volt Rating +125℃)
3.3
A
0.5
6.0
4.0
2.2
A
0.5
6.0
6.0
4.7
A
0.5
6.0
3.5
3.3
A
0.5
6.0
6.0
6.8
A
0.5
6.0
3.0
4.7
A
0.5
6.0
3.5
10
B
0.5
6.0
1.2
6.8
B
0.5
6.0
1.2
10
A
0.5
6.0
2.0
6.8
A
0.5
6.0
2.0
10
S
0.6
6.0
6.0
6.8
S
0.5
6.0
8.0
15
B
0.6
6.0
1.2
10
B
0.6
6.0
1.0
15
A
0.6
6.0
1.5
10
A
0.6
6.0
2.0
22
C
0.9
6.0
0.5
10
S
0.6
8.0
6.0
22
B
0.9
6.0
0.6
15
C
0.9
6.0
0.6
22
A
0.9
6.0
1.5
15
B
0.9
6.0
0.7
33
C
1.3
6.0
0.5
15
A
0.9
6.0
2.0
33
B
1.3
6.0
0.5
22
C
1.4
6.0
0.5
33
A
1.3
6.0
3.0
22
B
1.4
6.0
0.6
47
C
1.9
6.0
0.5
22
A
1.4
6.0
3.0
47
B
1.9
6.0
0.5
33
C
2.0
6.0
0.3
47
A
1.9
12.0
2.0
33
B
2.0
6.0
0.6
68
B
2.7
6.0
0.2
33
A
2.0
12.0
2.0
68
C
2.7
6.0
0.25
47
D
2.9
6.0
0.22
68
B
2.7
6.0
2.0
47
C
2.9
6.0
0.25
100
D
4.0
8.0
0.2
47
B
2.9
6.0
2.0
100
C
4.0
8.0
0.2
68
D
4.1
6.0
0.2
100
B
4.0
10
0.6
68
C
4.1
6.0
0.2
150
D
6.0
8.0
0.15
100
D
6.0
8.0
0.15
150
C
6.0
8.0
0.3
100
C
6.0
8.0
0.3
220
D
8.8
8.0
0.15
150
D
9.0
8.0
0.15
330
D
13.2
8.0
0.15
150
C
9.0
8.0
0.3
470
E
18.8
8.0
0.15
220
E
13.2
8.0
0.15
470
D
18.8
8.0
0.15
220
D
13.2
8.0
0.15
330
E
19.8
8.0
0.15
330
D
19.8
8.0
0.15
470
E
28.2
10.0
0.1


Similar Part No. - EKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EKT-LM3S6965 TI-EKT-LM3S6965 Datasheet
82Kb / 2P
[Old version datasheet]   Stellaris LM3S6965 Ethernet Evaluation Kit
logo
ELAN Microelectronics C...
EKT8100A EMC-EKT8100A Datasheet
963Kb / 37P
   Capacitive Touch Pad Controller
EKTF5608SOP16A EMC-EKTF5608SOP16A Datasheet
5Mb / 170P
   8-Bit Microcontroller
EKTF5616 EMC-EKTF5616 Datasheet
5Mb / 170P
   8-Bit Microcontroller
EKTF5616QN24 EMC-EKTF5616QN24 Datasheet
5Mb / 170P
   8-Bit Microcontroller
More results

Similar Description - EKT

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPM AVX-TPM Datasheet
358Kb / 5P
   Tantalum Ultra Low ESR Capacitor
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
logo
Dubilier
SHJL DUBILIER-SHJL Datasheet
262Kb / 3P
   TANTALUM CHIP - LOW ESR
logo
Kemet Corporation
T521D476M020ATE055 KEMET-T521D476M020ATE055 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible
T530X477M006ATE004 KEMET-T530X477M006ATE004 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com