Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C11 Datasheet(PDF) 3 Page - Kingtronics International Company

Part # BZX84C11
Description  BZX84C2V0... BZX84C75 Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

BZX84C11 Datasheet(HTML) 3 Page - Kingtronics International Company

  BZX84C11 Datasheet HTML 1Page - Kingtronics International Company BZX84C11 Datasheet HTML 2Page - Kingtronics International Company BZX84C11 Datasheet HTML 3Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
3
BZX84C2V0... BZX84C75
Temperature Coefficient
Nominal Value Vz ( V )
Typical Forward Voltage
Temperature Coefficient
Zener voltage Vz (V)
Power Derating Curve
Ambient Temperature Tamb (℃)
Forward Voltage VF (mV)
Zener Voltage Regulator
Note: Specifications are subject to change without notice.


Similar Part No. - BZX84C11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C11 VISHAY-BZX84C11 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
KEC(Korea Electronics)
BZX84C11 KEC-BZX84C11 Datasheet
363Kb / 3P
   SEMICONDUCTOR
logo
Taiwan Semiconductor Co...
BZX84C11 TSC-BZX84C11 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Diodes Incorporated
BZX84C11 DIODES-BZX84C11 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Jiangsu Changjiang Elec...
BZX84C11 JIANGSU-BZX84C11 Datasheet
134Kb / 3P
   Plastic-Encapsulate Diode
More results

Similar Description - BZX84C11

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com