Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF313 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF313
Description  HIGH-FREQUENCY TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF313 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF313 Datasheet HTML 1Page - Motorola, Inc MRF313 Datasheet HTML 2Page - Motorola, Inc MRF313 Datasheet HTML 3Page - Motorola, Inc MRF313 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MRF313
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 305A–01
ISSUE A
STYLE 1:
PIN 1. EMITTER
2. BASE
3. EMITTER
4. COLLECTOR
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
M
K
F
4
2
3
1
D
C
H
J
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.200
0.220
5.08
5.59
C
0.095
0.130
2.41
3.30
D
0.055
0.065
1.40
1.65
F
0.025
0.035
0.64
0.89
H
0.040
0.050
1.02
1.27
J
0.003
0.007
0.08
0.18
K
0.435
–––
11.05
–––
M
45 REF
45 REF
_
_


Similar Part No. - MRF313

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF313 MACOM-MRF313 Datasheet
84Kb / 3P
   HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V
logo
Advanced Semiconductor
MRF313 ASI-MRF313 Datasheet
131Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor
More results

Similar Description - MRF313

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com