Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLK1005SR22T Datasheet(PDF) 3 Page - TDK Electronics

Part # MLK1005SR22T
Description  Inductors for High Frequency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK1005SR22T Datasheet(HTML) 3 Page - TDK Electronics

  MLK1005SR22T Datasheet HTML 1Page - TDK Electronics MLK1005SR22T Datasheet HTML 2Page - TDK Electronics MLK1005SR22T Datasheet HTML 3Page - TDK Electronics MLK1005SR22T Datasheet HTML 4Page - TDK Electronics MLK1005SR22T Datasheet HTML 5Page - TDK Electronics MLK1005SR22T Datasheet HTML 6Page - TDK Electronics MLK1005SR22T Datasheet HTML 7Page - TDK Electronics MLK1005SR22T Datasheet HTML 8Page - TDK Electronics MLK1005SR22T Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(2/14)
INDUC
T
O
RS
001-01 / 20130707 / inductor_high-frequency_mlk_en.fm
• All specifications are subject to change without notice.
Inductors for High Frequency Circuits
Multilayer Ceramic
FEATURES
With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
while the decrease of Q in the GHz band is limited.
Monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for high-frequency.
There is no directivity.
APPLICATION
Smart phones, tablet terminals, high frequency modules (PAs, VCOs, FEMs , etc.), Bluetooth, W-LAN, UWB, tuners, automotive equipment
(MLK1005) and other high frequency circuits for the mobile communication industry
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of the MLK Series
MLK
0603
L
1N1
J
T
□□□
Series name
L×W×H Dimensions
Characteristics
Inductance
Inductance
tolerance
Packaging style
Internal code
(mm)
(μH)
0603
0.6×0.3×0.3
L
1N1
1.1
S
±0.3nH
T
Taping
1005
1.0×0.5×0.5
S
11N
11
J
±5%
R10
100
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
MLK0603
–55 to +125
–55 to +125
15000
0.2
MLK1005
–55 to +125
–55 to +125
10000
1
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - MLK1005SR22T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK1005SR22JT000 TDK-MLK1005SR22JT000 Datasheet
127Kb / 10P
   With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
MLK1005SR22JT000 TDK-MLK1005SR22JT000 Datasheet
132Kb / 3P
   Inductors (Coils)
MLK1005SR22JTD25 TDK-MLK1005SR22JTD25 Datasheet
212Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK1005SR22T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S36NJ TDK-MLG1005S36NJ Datasheet
3Mb / 24P
   Inductors for High Frequency
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
334Kb / 43P
   Inductors for High Frequency Circuits
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
MLG0603P TDK-MLG0603P Datasheet
59Kb / 3P
   Inductors for High-frequency Circuits
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100512NJ-T TAIYO-YUDEN-HK100512NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100556NJ-T TAIYO-YUDEN-HK100556NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com