Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # GBPC
Description  12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GBPC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  GBPC Datasheet HTML 1Page - Fairchild Semiconductor GBPC Datasheet HTML 2Page - Fairchild Semiconductor GBPC Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GBPC 12, 15, 25, 35 SERIES , Rev. A
Glass Passivated Bridge Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
0
25
50
75
100
125
150
175
0
10
20
30
40
AMBIENT TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS
GBPC35
GBPC25
GBPC12-GBPC15
Non-Repetitive Surge Current
12
5
10
20
50
100
20
50
100
200
400
NUMBER OF CYCLES AT 60Hz
GBPC12-GBPC25
GBPC35
Forward Characteristics
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0.1
1
10
100
200
FORWARD VOLTAGE (V)
Pulse Width = 300
µs
2% Duty Cycle
T = 25 C
º
A
GBPC12-GBPC15
GBPC25
GBPC35
Reverse Characteristics
0
20406080
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 125 C
º
A
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Parameter
Device
Units
005
01
02
04
06
08
10
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
DC Reverse Voltage
(Rated VR)
50
100
200
400
600
800
1000
V
Maximum Reverse Leakage,
total bridge @ rated VR TA = 25
°C
TA = 125
°C
5.0
500
µA
µA
Maximum Forward Voltage Drop,
per bridge @ 6.0 A
GBPC12
@ 7.5 A
GBPC15
@ 12.5 A
GBPC25
@ 17.5 A
GBPC35
1.1
V
I
2t rating for fusing
GBPC12,15,25
t < 8.3 ms
GBPC35
375
660
A
2Sec
A
2Sec
Typical Junction Capacitance, per leg
VR = 4.0V,
GBPC12,15,25
f = 1.0 MHz
GBPC35
180
200
pF
pF


Similar Part No. - GBPC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GBPC IRF-GBPC Datasheet
131Kb / 6P
   SINGLE PHASE BRIDGE
logo
Taiwan Semiconductor Co...
GBPC TSC-GBPC Datasheet
272Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
ON Semiconductor
GBPC ONSEMI-GBPC Datasheet
329Kb / 7P
   Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
logo
YENYO TECHNOLOGY Co., L...
GBPC-3 YENYO-GBPC-3 Datasheet
338Kb / 1P
   Dimensions in inches and
GBPC-6 YENYO-GBPC-6 Datasheet
338Kb / 1P
   Dimensions in inches and
More results

Similar Description - GBPC

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBPC15 CHENG-YI-GBPC15 Datasheet
167Kb / 2P
   15/25/35 A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
SB1505G TSC-SB1505G Datasheet
70Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15 Datasheet
103Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15_11 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC15 YANGJIE-GBPC15 Datasheet
294Kb / 2P
   HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
W005G FAIRCHILD-W005G Datasheet
163Kb / 3P
   1.5 Ampere Glass Passivated Bridge Rectifiers
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
MP15S CHENG-YI-MP15S Datasheet
159Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15 CHENG-YI-MP15 Datasheet
156Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com