Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKT0402X0R5C160R Datasheet(PDF) 4 Page - Kingtronics International Company

Part # LKT0402X0R5C160R
Description  Low Voltage Multilayer Chip Ceramic Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

LKT0402X0R5C160R Datasheet(HTML) 4 Page - Kingtronics International Company

  LKT0402X0R5C160R Datasheet HTML 1Page - Kingtronics International Company LKT0402X0R5C160R Datasheet HTML 2Page - Kingtronics International Company LKT0402X0R5C160R Datasheet HTML 3Page - Kingtronics International Company LKT0402X0R5C160R Datasheet HTML 4Page - Kingtronics International Company LKT0402X0R5C160R Datasheet HTML 5Page - Kingtronics International Company LKT0402X0R5C160R Datasheet HTML 6Page - Kingtronics International Company LKT0402X0R5C160R Datasheet HTML 7Page - Kingtronics International Company LKT0402X0R5C160R Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
4
LKT
Low Voltage Multilayer Chip Ceramic
Capacitor
7. Temperature Coefficient of Capacitance
Dielectrics
Specification
Testing Condition
NPO
Temperature coefficient within ±30ppm/℃
Cp drift within ±0.2% or ±0.05pF
Measure capacitance under follow table list temperature:
STEP
NPO, X7R
X5R
Y5V
1
25 ±2
25 ±2
25 ±2
2
-55±3
-55±3
-30±3
X7R/X5R
Capacitance change within ±15%
3
4
5
25 ±2
125±3
25 ±2
25 ±2
85±3
25 ±2
25 ±2
85±3
25 ±2
Y5V
Capacitance change within +22%, -82%
1) NPO
The capacitance drift is calculated by dividing the
differences between the maximum and minimum measured
values in the step 1,3 and 5.
The temperature coefficient is determined using the
Capacitance measured in step 3 as a reference.
2) X7R ,X5R and Y5V
The ranges of capacitance change compared within the
above 25
value over the temperature ranges shall be
within the specified ranges.
8. Adhesion
Dielectrics
Specification
Testing Condition
NPO
X7R/X5R
Y5V
No removal of the terminations or other
defect shall occur.
The pressurizing force shall be 10N (=1000g*f) and the
duration of application shall be 10±1sec.
hip
cross-section
board
hooked
jig
r=0.5
9. Solderability of Termination
Dielectrics
Specification
Testing Condition
NPO
X7R/X5R
Y5V
95% min. coverage of both terminal
electrodes and less than 5% have pin holes
or rough spots.
Solder temperature: 230±5℃
Dipping time: 2±1 seconds.
Completely soak both terminal electrodes in solder
10. Resistance to leaching
Dielectrics
Specification
Testing Condition
NPO
X7R/X5R
Y5V
95% min. coverage of both terminal
electrodes and less than 5% have pin holes
or rough spots.
No remarkable visual damage.
Solder temperature: 270±5℃
Dipping time: 10±1 seconds.
Completely soak both terminal electrodes in solder


Similar Part No. - LKT0402X0R5C160R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LKT1AF-12V PANASONIC-LKT1AF-12V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-24V PANASONIC-LKT1AF-24V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-5V PANASONIC-LKT1AF-5V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-9V PANASONIC-LKT1AF-9V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
More results

Similar Description - LKT0402X0R5C160R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com