Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERB21B5C2E120JDX1L Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # ERB21B5C2E120JDX1L
Description  Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ERB21B5C2E120JDX1L Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button ERB21B5C2E120JDX1L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ERB21B5C2E120JDX1L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ERB21B5C2E120JDX1L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ERB21B5C2E120JDX1L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ERB21B5C2E120JDX1L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. ERB21B5C2E120JDX1L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. ERB21B5C2E120JDX1L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. ERB21B5C2E120JDX1L Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. ERB21B5C2E120JDX1L Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Product Offering
ERB series
Size
TC
WV
Cap
Cap Tol
Murata Global P/N
1210
C0G 500V
8.2pF
+/-0.25pF
ERB32Q5C2H8R2CDX1L
1210
C0G 500V
9pF
+/-0.25pF
ERB32Q5C2H9R0CDX1L
1210
C0G 500V
9.1pF
+/-0.25pF
ERB32Q5C2H9R1CDX1L
1210
C0G 500V
10pF
+/-5%
ERB32Q5C2H100JDX1L
1210
C0G 500V
12pF
+/-5%
ERB32Q5C2H120JDX1L
1210
C0G 500V
15pF
+/-5%
ERB32Q5C2H150JDX1L
1210
C0G 500V
18pF
+/-5%
ERB32Q5C2H180JDX1L
1210
C0G 500V
20pF
+/-5%
ERB32Q5C2H200JDX1L
1210
C0G 500V
22pF
+/-5%
ERB32Q5C2H220JDX1L
1210
C0G 500V
27pF
+/-5%
ERB32Q5C2H270JDX1L
1210
C0G 500V
33pF
+/-5%
ERB32Q5C2H330JDX1L
1210
C0G 500V
39pF
+/-5%
ERB32Q5C2H390JDX1L
1210
C0G 500V
47pF
+/-5%
ERB32Q5C2H470JDX1L
1210
C0G 500V
56pF
+/-5%
ERB32Q5C2H560JDX1L
1210
C0G 500V
68pF
+/-5%
ERB32Q5C2H680JDX1L
1210
C0G 500V
82pF
+/-5%
ERB32Q5C2H820JDX1L
1210
C0G 500V 100pF
+/-5%
ERB32Q5C2H101JDX1L
1210
C0G 500V 120pF
+/-5%
ERB32Q5C2H121JDX1L
1210
C0G 300V 150pF
+/-5%
ERB32Q5CYD151JDX1L
1210
C0G 250V 180pF
+/-5%
ERB32Q5C2E181JDX1L
1210
C0G 250V 220pF
+/-5%
ERB32Q5C2E221JDX1L
1210
C0G 100V 270pF
+/-5%
ERB32Q5C2A271JDX1L
1210
C0G 100V 330pF
+/-5%
ERB32Q5C2A331JDX1L
1210
C0G 100V 390pF
+/-5%
ERB32Q5C2A391JDX1L
1210
C0G 100V 470pF
+/-5%
ERB32Q5C2A471JDX1L
1210
C0G 50V
560pF
+/-5%
ERB32Q5C1H561JDX1L
1210
C0G 50V
680pF
+/-5%
ERB32Q5C1H681JDX1L
1210
C0G 50V
820pF
+/-5%
ERB32Q5C1H821JDX1L
1210
C0G 50V 1000pF
+/-5%
ERB32Q5C1H102JDX1L
High Frequency ERB Series (1210 / C0G)
ERB32 Series
Applic Ation Sp E ci F ic cA pA cit o RS
High Frequency Ceramic Capacitors
ERB Product Offering
Innovator in Electronics – 51
C-29-C
www .m
urata.com


Similar Part No. - ERB21B5C2E120JDX1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB21B5C2E120JDX1L MURATA1-ERB21B5C2E120JDX1L Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
More results

Similar Description - ERB21B5C2E120JDX1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
201R15C ETC1-201R15C Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com