Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLK1005S3N0T Datasheet(PDF) 11 Page - TDK Electronics

Part # MLK1005S3N0T
Description  Inductors for High Frequency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK1005S3N0T Datasheet(HTML) 11 Page - TDK Electronics

Back Button MLK1005S3N0T Datasheet HTML 7Page - TDK Electronics MLK1005S3N0T Datasheet HTML 8Page - TDK Electronics MLK1005S3N0T Datasheet HTML 9Page - TDK Electronics MLK1005S3N0T Datasheet HTML 10Page - TDK Electronics MLK1005S3N0T Datasheet HTML 11Page - TDK Electronics MLK1005S3N0T Datasheet HTML 12Page - TDK Electronics MLK1005S3N0T Datasheet HTML 13Page - TDK Electronics MLK1005S3N0T Datasheet HTML 14Page - TDK Electronics MLK1005S3N0T Datasheet HTML 15Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
(10/14)
INDUC
T
O
RS
001-01 / 20130707 / inductor_high-frequency_mlk_en.fm
• All specifications are subject to change without notice.
MLK series 
MLK1005 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " △ " of the Part Number contains the inductance tolerance code, S(±0.3nH) or J(±5%).
The " □□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
min.
Q measuring
frequency
(MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
:)
Rated current
(mA)
max.
Part No.
(nH)
Tolerance
min.
typ.
max.
typ.
1.0
±0.3nH
5
100
12.0
16.9
0.10
0.05
500
MLK1005S1N0
△T□□□
1.1
±0.3nH
5
100
11.5
14.8
0.12
0.05
500
MLK1005S1N1
△T□□□
1.2
±0.3nH
5
100
11.0
14.4
0.12
0.05
500
MLK1005S1N2
△T□□□
1.3
±0.3nH
5
100
10.0
12.6
0.15
0.06
500
MLK1005S1N3
△T□□□
1.5
±0.3nH
6
100
9.5
12.2
0.15
0.06
500
MLK1005S1N5
△T□□□
1.6
±0.3nH
6
100
9.0
11.9
0.17
0.06
500
MLK1005S1N6
△T□□□
1.8
±0.3nH
6
100
8.5
10.9
0.17
0.07
500
MLK1005S1N8
△T□□□
2.0
±0.3nH
6
100
8.3
10.0
0.18
0.08
500
MLK1005S2N0
△T□□□
2.2
±0.3nH
6
100
8.0
9.6
0.18
0.08
500
MLK1005S2N2
△T□□□
2.4
±0.3nH
6
100
7.8
9.5
0.20
0.09
500
MLK1005S2N4
△T□□□
2.7
±0.3nH
6
100
7.5
9.1
0.20
0.10
500
MLK1005S2N7
△T□□□
3.0
±0.3nH
6
100
7.2
8.5
0.22
0.10
400
MLK1005S3N0
△T□□□
3.3
±0.3nH
7
100
7.0
8.3
0.22
0.11
400
MLK1005S3N3
△T□□□
3.6
±0.3nH
7
100
6.8
8.1
0.25
0.11
400
MLK1005S3N6
△T□□□
3.9
±0.3nH
7
100
6.5
7.8
0.25
0.12
400
MLK1005S3N9
△T□□□
4.3
±0.3nH
7
100
6.3
7.4
0.28
0.13
400
MLK1005S4N3
△T□□□
4.7
±0.3nH
7
100
6.0
6.9
0.28
0.13
400
MLK1005S4N7
△T□□□
5.1
±0.3nH
7
100
5.8
7.0
0.30
0.15
400
MLK1005S5N1
△T□□□
5.6
±0.3nH
7
100
5.7
6.7
0.30
0.15
400
MLK1005S5N6
△T□□□
6.2
±0.3nH
7
100
5.6
6.5
0.35
0.18
400
MLK1005S6N2
△T□□□
6.8
±5%
7
100
5.5
6.3
0.35
0.18
400
MLK1005S6N8
△T□□□
7.5
±5%
7
100
5.0
6.0
0.38
0.20
350
MLK1005S7N5
△T□□□
8.2
±5%
7
100
5.0
6.0
0.38
0.21
350
MLK1005S8N2
△T□□□
9.1
±5%
7
100
4.8
5.9
0.42
0.23
350
MLK1005S9N1
△T□□□
10
±5%
7
100
4.7
5.2
0.42
0.23
350
MLK1005S10N
△T□□□
12
±5%
7
100
4.3
5.3
0.47
0.27
350
MLK1005S12N
△T□□□
15
±5%
7
100
4.0
4.8
0.50
0.33
300
MLK1005S15N
△T□□□
18
±5%
7
100
4.0
4.7
0.60
0.38
250
MLK1005S18N
△T□□□
22
±5%
7
100
3.5
4.4
0.70
0.46
200
MLK1005S22N
△T□□□
27
±5%
7
100
3.0
3.9
0.80
0.53
200
MLK1005S27N
△T□□□
33
±5%
7
100
2.5
3.5
0.90
0.59
200
MLK1005S33N
△T□□□
39
±5%
6
100
2.0
3.1
1.00
0.65
200
MLK1005S39N
△T□□□
47
±5%
6
100
1.8
3.0
1.20
0.74
200
MLK1005S47N
△T□□□
56
±5%
6
100
1.5
2.6
1.30
0.84
200
MLK1005S56N
△T□□□
68
±5%
6
100
1.4
2.4
1.50
1.01
150
MLK1005S68N
△T□□□
82
±5%
6
100
1.3
2.2
1.80
1.39
150
MLK1005S82N
△T□□□
100
±5%
6
100
1.1
1.9
2.20
1.60
100
MLK1005SR10
△T□□□
110
±5%
6
100
1.1
2.0
2.70
1.89
100
MLK1005SR11
△T□□□
120
±5%
6
100
1.1
1.9
3.00
2.08
100
MLK1005SR12
△T□□□
130
±5%
6
100
1.1
1.8
3.30
2.28
100
MLK1005SR13
△T□□□
150
±5%
6
100
1.1
1.7
5.00
3.58
80
MLK1005SR15
△T□□□
160
±5%
6
100
1.1
1.7
5.20
3.79
80
MLK1005SR16
△T□□□
180
±5%
6
100
1.1
1.6
6.00
4.28
80
MLK1005SR18
△T□□□
200
±5%
6
100
1.1
1.5
6.20
4.56
70
MLK1005SR20
△T□□□
220
±5%
6
100
1.0
1.4
6.20
4.54
70
MLK1005SR22
△T□□□
240
±5%
6
100
1.0
1.3
6.50
4.84
70
MLK1005SR24
△T□□□
270
±5%
6
100
0.9
1.2
6.50
4.78
70
MLK1005SR27
△T□□□
300
±5%
6
100
0.9
1.2
7.50
5.37
70
MLK1005SR30
△T□□□
330
±5%
6
100
0.85
1.1
8.00
5.82
70
MLK1005SR33
△T□□□
Measurement item
Product No.
Manufacturer
L, Q
4291B+16193A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLK1005S3N0T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK1005S3N0ST000 TDK-MLK1005S3N0ST000 Datasheet
127Kb / 10P
   With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
MLK1005S3N0ST000 TDK-MLK1005S3N0ST000 Datasheet
128Kb / 3P
   Inductors (Coils)
MLK1005S3N0STD25 TDK-MLK1005S3N0STD25 Datasheet
209Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK1005S3N0T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S36NJ TDK-MLG1005S36NJ Datasheet
3Mb / 24P
   Inductors for High Frequency
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
334Kb / 43P
   Inductors for High Frequency Circuits
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
MLG0603P TDK-MLG0603P Datasheet
59Kb / 3P
   Inductors for High-frequency Circuits
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100512NJ-T TAIYO-YUDEN-HK100512NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100556NJ-T TAIYO-YUDEN-HK100556NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com