Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERB21B5C2E4R7BDX1L Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # ERB21B5C2E4R7BDX1L
Description  Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ERB21B5C2E4R7BDX1L Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button ERB21B5C2E4R7BDX1L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ERB21B5C2E4R7BDX1L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ERB21B5C2E4R7BDX1L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. ERB21B5C2E4R7BDX1L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. ERB21B5C2E4R7BDX1L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. ERB21B5C2E4R7BDX1L Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. ERB21B5C2E4R7BDX1L Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. ERB21B5C2E4R7BDX1L Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. ERB21B5C2E4R7BDX1L Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Specifications and Test Methods
ERB Series
Item
Specification
Test Method
Humidity Steady State
Appearance: No marking defects
Capacitance Change: Within ±5% or
±0.5 pF (Whichever is larger)
C 30pF: Q
350, 10pF C 30pF:
Q 275+5°C/2C 10pF:Q
200+10C
C: Nominal Capacitance (puff)
Apply the 24-hour heat (-10 to +65°C) and humidity
(80 to 100%) treatment, 10 consecutive times.
High Temperature Load
Appearance: No marking defects
Capacitance Change Within ±3% or
±0.3pF (Whichever is larger)
C 30pFmin.: Q350
10pF C 30pF: Q
275+5C/2C
10pF: Q
200+10C
  
C: Nominal Capacitance (pF)
Apply 200% (500V only 150%) of the rated voltage
for 1000±12 hours at the maximum operating
temperature ±3°C.
Table A-1
Capacitance Change from 25°C(%)
– 55C
30C
—10C
Nominal Values
Char.
(ppm/°C) Note
Max .
Min.
Max.
Min.
Max.
Min.
0 ± 30
5C
0.58
-0.24
0.4C
-0.17
0.25
-0.11
Note: Nominal values denote the temperature coefficient within a range of 25°C to 125°C.
Applic Ation Sp E ci F ic cA pA cit o RS
High Frequency Ceramic Capacitors
ERB Specifications and Test Methods
Innovator in Electronics – 53
C-29-C
www .m
urata.com


Similar Part No. - ERB21B5C2E4R7BDX1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB21B5C2E4R7BDX1L MURATA1-ERB21B5C2E4R7BDX1L Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
More results

Similar Description - ERB21B5C2E4R7BDX1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
201R15C ETC1-201R15C Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com