Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC122S101CIMMX Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # ADC122S101CIMMX
Description  2 Channel, 1 MSPS 12-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADC122S101CIMMX Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button ADC122S101CIMMX Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics T
A = +25˚C, fSAMPLE = 500 kSPS to 1 MSPS, fSCLK = 8 MHz to
16 MHz, f
IN = 40.3 kHz unless otherwise stated. (Continued)
SNR vs. Supply
THD vs. Supply
20125230
20125235
SNR vs. Clock Frequency
THD vs. Clock Frequency
20125231
20125236
SNR vs. Clock Duty Cycle
THD vs. Clock Duty Cycle
20125232
20125237
www.national.com
10


Similar Part No. - ADC122S101CIMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S101CIMMX/NOPB TI1-ADC122S101CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results

Similar Description - ADC122S101CIMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S101 NSC-ADC122S101 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
logo
Analog Devices
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com