Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYPF2006DN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FYPF2006DN
Description  SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FYPF2006DN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FYPF2006DN Datasheet HTML 1Page - Fairchild Semiconductor FYPF2006DN Datasheet HTML 2Page - Fairchild Semiconductor FYPF2006DN Datasheet HTML 3Page - Fairchild Semiconductor FYPF2006DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, May 2000
Typical Characteristics
Figure 1. Typical Forward Voltage Characteristics
(per diode)
Figure 3. Typical Junction Capacitance
(per diode)
Figure 5. Forward Current Derating Curve
Figure 2. Typical Reverse Current
vs. Reverse Voltage (per diode)
Figure 4. Thermal Impedance Characteristics
(per diode)
Figure 6. Non-Repetive Sureg Current
(per diode)
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
TJ=125
o
C
TJ=75
o
C
TJ=25
oC
Forward Voltage Drop, VF[V]
0
204060
100
1000
TJ=25
o
C
Reverse Voltage, VR[V]
0
20406080
100
120
140
160
0
5
10
15
20
25
DC
Case Temperature, TC[
o
C]
020
40
60
0.001
0.01
0.1
1
10
100
TJ=150
o
C
TJ=125
o
C
TJ=75
o
C
TJ=25
o
C
Reverse Voltage, VR[V]
100µ
1m
10m
100m
1
10
0.1
1
10
Pulse Duration [s]
1
10
100
0
50
100
150
200
250
Number of Cycles @ 60Hz


Similar Part No. - FYPF2006DN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - FYPF2006DN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com