Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA-L0605C-VJL Datasheet(PDF) 9 Page - TDK Electronics

Part # CXA-L0605C-VJL
Description  DC-AC INVERTER UNIT CXA-L0605C-VxL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-L0605C-VJL Datasheet(HTML) 9 Page - TDK Electronics

  CXA-L0605C-VJL Datasheet HTML 1Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 2Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 3Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 4Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 5Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 6Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 7Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 8Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
No.
MATERIALS NAME
MATERIAL
REMARK
PRODUCT NAME or MODEL,TITLE
DC-AC INVERTER UNIT CXA-L0605C-VxL
PAGE
NAME OF DRAWING
DRAWING No.
Product Drawing
CTR-3818-X
TSB-08-01-05(00) form-6(A4)
TDK-L
TDK-L
TDK-L
TDK-Lambda
ambda
ambda
ambda
QU
<The specifications may be changed without any notice.>
8
7-1.Test conditions
Unless otherwise specified, the temperature to be (25±15)℃ and humidity to be (65±20) %RH.
7-2. Warranty
Warranty shall be for one year after delivery, and those products causing failure during the warranty period
and which failures are attributed to the manufa cturer's responsibility shall be replaced at no charge.
7-3.Oters
When any doubt arises about th is specification, it shall be discussed and decided upon between both parties.
Shipment inspection result sh eet are subject to change without notice.
[7] Others
[6] Packing and Marking
A shipping box is packaged to avoid from water or damage. Following items are printed on the box.
6-1.
6-2.
6-3.
TDK part No.
Manufacture
QTY.
CXA-L0605C-VxL
Tray
(25pcs)×8stack= 200pcs/box
(Cardboard)
Outer carton
(400mm:L)×(333mm:W)×(149mm:H)
Marking
 
TDK Part No.
 
Manufacture
  QTY.
 


Similar Part No. - CXA-L0605C-VJL

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-L0605-VJL POWER-SYSTEMS-CXA-L0605-VJL Datasheet
61Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-L0605-VJL TDK-CXA-L0605-VJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 4W, For 1 Bulb
logo
Power Systems GmbH+Co.K...
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VJL POWER-SYSTEMS-CXA-L0605A-VJL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VSL POWER-SYSTEMS-CXA-L0605A-VSL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
More results

Similar Description - CXA-L0605C-VJL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
CXA-0543 TDK-CXA-0543 Datasheet
114Kb / 2P
   DC/AC INVERTER UNIT
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
CXA-P1012B-NJL TDK-CXA-P1012B-NJL Datasheet
206Kb / 9P
   DC/AC INVERTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com