Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERB1885C2E5R0CDX1D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # ERB1885C2E5R0CDX1D
Description  Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ERB1885C2E5R0CDX1D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  ERB1885C2E5R0CDX1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ERB1885C2E5R0CDX1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ERB1885C2E5R0CDX1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ERB1885C2E5R0CDX1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ERB1885C2E5R0CDX1D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ERB1885C2E5R0CDX1D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ERB1885C2E5R0CDX1D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ERB1885C2E5R0CDX1D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. ERB1885C2E5R0CDX1D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ERB Series: Exhibiting a
capacitance range of 0.5 to 1,000pF,
the ERB series of capacitors comes
with higher Q and lower ESR which
is better than the standard products
of equivalent packages. For high
performance, medium power RF
designs, this series offers low ESR in
the 1MHz to 1GHz frequency range.
The temperature stability of the
C0G dielectrics ensures low power
dissipation. The ERB series is designed
with precious metal inner electrodes.
These surface mount capacitors are
available in voltages up to 500VDC in a
1210 EIA size.
Features:
Size: 0603, 0805, and 1210
Voltage: 50, 100, 250, 300, 500VDC
Cap Range: 0.5 to 1000pF
Internal Electrode: Pd/Ag
Termination: Pd/Ag + Ni/Sn plating
ESR: Low
Power: Medium Power (5-15W)
Frequency Range: 1MHz –1GHz
Tolerance: Tight Tolerance Available ([W]=+/-0.05pF for <=5pF, [ [B]=+/-0.1pF for
5 - 9.1pF, [C]=+/-0.25pF for 5 - 9.1pF, [F]=+/-1% for 10 - 20pF)
Temp. Characteristics: C0G (-55ºC to 125ºC with 0 ±30ppm/ºC)
Applications: General purpose
high frequency circuits, wireless
equipment, high frequency radios,
broadcast satellites, terminals,
RF and base station power
amplifiers
Applic Ation Sp E ci F ic cA pA cit o RS
High Frequency Ceramic Capacitors
ERB Product Summary
44 – Innovator in Electronics
www .m
urata.com
C-29-C


Similar Part No. - ERB1885C2E5R0CDX1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2E5R0CDX1D MURATA1-ERB1885C2E5R0CDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
More results

Similar Description - ERB1885C2E5R0CDX1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
201R15C ETC1-201R15C Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com