Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5Q-1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # G5Q-1
Description  Compact, High Isolation Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

G5Q-1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  G5Q-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
164
PCB Relay
G5Q
■ Contact Ratings
■ Characteristics
Note: 1. The data shown above are initial values.
2. The contact resistance is measured with 1 A applied at 5 VDC using a fall-of-potential method.
3. The insulation resistance is measured between coil and contacts and between contacts of the same polarity at 500 VDC.
4. The electrical life data items shown are possible at 23
°C
Item
SPDT
SPST-NO
Rated load (resistive)
10 A at 125 VAC (NO)
3 A at 250 VAC (NO)
5 A at 30 VDC (NO)
3 A at 125 VAC (NC)
3 A at 30 VDC (NC)
10 A at 125 VAC
3 A at 250 VAC
5 A at 30 VDC
Contact material
Ag alloy
Rated carry current
10 A (NO)/3 A (NC)
Max. switching voltage
277 VAC, 30 VDC
Max. switching current
AC: 10 A (NO)/3 A (NC)
DC: 5 A (NO)/3 A (NC)
Max. switching capacity
1250 VA, 150 W (NO)
375 VA, 90 W (NC)
Min. permissible load
10 mA at 5 VDC (
P level:
λ
60 = 0.1 × 10
−6/operation)
Contact resistance (See note 2.)
100 m
Ω max.
Operate time
10 ms max.
Release time
5 ms max.
Insulation resistance (See note 3.)
1,000 m
Ω min.
Dielectric strength
4,000 VAC, 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
Impulse withstand voltage
8 kV (1.2
× 50 μs) between coil an contacts
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 1.5-mm double amplitude
Malfunction: 10 to 55 to 10 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1000 m/s2 (approx. 100G)
Malfunction: 100 m/s2 (approx. 10G)
Life expectancy (See Note 4)
Mechanical
10,000,000 operations (18,000 operations per hour)
Electrical
200,000 operations: 3 A (NO)/3 A (NC) at 125 VAC, resistive load
100,000 operations: 3 A (NO)/3 A (NC) at 250 VAC,
5 A (NO)/3 A (NC) at 30 VDC, resistive load
50,000 operations:
10 A at 125 VAC (900 operations per hour)
Ambient temperature
Operating &
storage
−40°C to 105°C (-40°F to 221°F) with no icing or condensation
Ambient humidity
Operating &
storage
5% to 85%


Similar Part No. - G5Q-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Q-1 OMRON-G5Q-1 Datasheet
464Kb / 6P
   PCB Relay
G5Q-1 OMRON-G5Q-1 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
G5Q-1 OMRON-G5Q-1 Datasheet
507Kb / 6P
   PCB Relay
G5Q-14 OMRON-G5Q-14 Datasheet
464Kb / 6P
   PCB Relay
G5Q-14 OMRON-G5Q-14 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
More results

Similar Description - G5Q-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Q1DC5 OMRON-G5Q1DC5 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
logo
Wabash Transformer Inc.
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
logo
MicroPower Direct, LLC
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
   Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
   Compact , 15W Ultra-High Isolation DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
   Compact, 20W Ultra-High Isolation DC/DC Converters
logo
Nais(Matsushita Electri...
DE1A-3V NAIS-DE1A-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Semiconductor
DE1A1B-L-3V PANASONIC-DE1A1B-L-3V Datasheet
1Mb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Cynergy3 Co
D200 CYNERGY3-D200 Datasheet
223Kb / 1P
   High Power 200W reed relay with 7kV isolation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com