Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5Q-1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # G5Q-1
Description  Compact, High Isolation Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

G5Q-1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  G5Q-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. G5Q-1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PCB Relay
G5Q
163
PCB Relay
G5Q
Compact, High Isolation Relay
• Compact single pole relay with high isolation between
coil and contacts.
• Ensures a withstand impulse voltage of 8,000V between
the coil and contacts.
• Low coil power consumption.
• UL class F coil insulation.
• UL recognized / CSA certified. EN approved.
• Ideal for appliance and HVAC controls
• RoHS Compliant
Ordering Information
To Order: Select the part number and add the desired coil voltage and rating. (e.g., G5Q-14 DC12)
Note: Add “-EU” before the coil voltage to obtain versions with CTI > 250. (e.g., G5Q-1A4-EU DC12)
Specifications for "EU" type differ from standard models. Contact Omron for more details
Specifications
■ Coil Ratings
Note: Rated current and coil resistance are measured at 23
°C with a tolerance of ±10%.
Classification
Enclosure rating
Model
Single contact, class F coil insulation
SPST-NO
Vented
G5Q-1A
Sealed
G5Q-1A4
SPDT
Vented
G5Q-1
Sealed
G5Q-14
Rated voltage (V)
Rated coil
current (mA)
Coil resistance
(
Ω)
Pick-up
voltage
Drop-out
voltage
Maximum
voltage
Power
consumption
(mW)
Percent of rated voltage
SPDT
DC 5
80
63
75% max
5% min
190% @ 23
°C
400
DC 9
44.4
202
DC 12
33.3
360
DC 24
16.7
1440
SPST-NO
DC 5
40
125
200
DC 9
22.2
405
DC 12
16.7
720
DC 24
8.3
2880


Similar Part No. - G5Q-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Q-1 OMRON-G5Q-1 Datasheet
464Kb / 6P
   PCB Relay
G5Q-1 OMRON-G5Q-1 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
G5Q-1 OMRON-G5Q-1 Datasheet
507Kb / 6P
   PCB Relay
G5Q-14 OMRON-G5Q-14 Datasheet
464Kb / 6P
   PCB Relay
G5Q-14 OMRON-G5Q-14 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
More results

Similar Description - G5Q-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Q1DC5 OMRON-G5Q1DC5 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
logo
Wabash Transformer Inc.
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
logo
MicroPower Direct, LLC
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
   Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
   Compact , 15W Ultra-High Isolation DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
   Compact, 20W Ultra-High Isolation DC/DC Converters
logo
Nais(Matsushita Electri...
DE1A-3V NAIS-DE1A-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Semiconductor
DE1A1B-L-3V PANASONIC-DE1A1B-L-3V Datasheet
1Mb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Cynergy3 Co
D200 CYNERGY3-D200 Datasheet
223Kb / 1P
   High Power 200W reed relay with 7kV isolation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com