Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSMP58000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSMP58000
Description  IR Sensor Module for Remote Control Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMP58000 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSMP58000 Datasheet HTML 1Page - Vishay Siliconix TSMP58000 Datasheet HTML 2Page - Vishay Siliconix TSMP58000 Datasheet HTML 3Page - Vishay Siliconix TSMP58000 Datasheet HTML 4Page - Vishay Siliconix TSMP58000 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
TSMP58000
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 14-Mar-12
2
Document Number: 82485
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Testsignal
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage (pin 3)
VS
- 0.3 to + 6
V
Output voltage (pin 1)
VO
- 0.3 to (VS + 0.3)
V
Output current (pin 1)
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
- 25 to + 85
°C
Operating temperature range
Tamb
- 25 to + 85
°C
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
ELECTRICAL AND OPTICAL CHARACTERISTICS CARRIER OUT
(Tamb = 25 °C, unless otherwise specified, VS = 3 V)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current (pin 3)
Ev = 0
ISD
0.55
0.7
0.9
mA
Supply voltage
VS
2.5
5.5
V
Transmission distance
Ev = 0, test signal see fig. 1,
IR diode TSAL6200,
IF = 400 mA
d5
m
Output voltage low (pin 1)
IOSL = 0.5 mA, test signal see fig. 1
VOSL
250
mV
Minimum irradiance
VS = 3 V, (20 kHz to 60 kHz)
Ee min.
12
25
mW/m2
Maximum irradiance
test signal see fig. 1, (20 kHz to 60 kHz)
Ee max.
50
80
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
± 45
deg
Output accuracy
fC = 20 kHz to 60 kHz,
Ee = 25 mW/m2 to 50 W/m2,
testsignal see fig. 1, BER
≤ 2%
N
carrier
pulses
input burst
length
- 1 cycle
input burst
length
input burst
length
+ 1 cycle
counts
Carrier cycle
(26.3 μs in case of 38 kHz)
Delay time td
Optical burst
(input signal)
Output voltage


Similar Part No. - TSMP58000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMP58138 VISHAY-TSMP58138 Datasheet
112Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.2, 05-Feb-14
More results

Similar Description - TSMP58000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMP4138 VISHAY-TSMP4138 Datasheet
96Kb / 4P
   IR Sensor Module for Remote Control Systems
Rev. 1.3, 05-Feb-14
TSMP58138 VISHAY-TSMP58138 Datasheet
112Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.2, 05-Feb-14
TSMP6000 VISHAY-TSMP6000 Datasheet
609Kb / 24P
   IR Sensor Module for Remote Control Systems
Rev. 1.5, 14-Apr-16
TSMP77000 VISHAY-TSMP77000 Datasheet
258Kb / 10P
   IR Sensor Module for Remote Control Systems
Rev. 1.6, 14-Apr-16
TSMP1138 VISHAY-TSMP1138 Datasheet
115Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.1, 08-Jan-13
TSOP98260 VISHAY-TSOP98260 Datasheet
105Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.4, 28-Mar-12
TSMP96000 VISHAY-TSMP96000_V01 Datasheet
351Kb / 11P
   IR Sensor Module for Remote Control Systems
01-Jan-2023
TSMP96000 VISHAY-TSMP96000 Datasheet
351Kb / 11P
   IR Sensor Module for Remote Control Systems
01-Jan-2022
TSMP98000 VISHAY-TSMP98000 Datasheet
165Kb / 5P
   IR Sensor Module for Remote Control Systems
01-Jan-2022
TSOP98200 VISHAY-TSOP98200 Datasheet
106Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.4, 21-Feb-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com