Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25040B-SSHL-B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25040B-SSHL-B
Description  SPI Serial EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25040B-SSHL-B Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25040B-SSHL-B Datasheet HTML 1Page - ATMEL Corporation AT25040B-SSHL-B Datasheet HTML 2Page - ATMEL Corporation AT25040B-SSHL-B Datasheet HTML 3Page - ATMEL Corporation AT25040B-SSHL-B Datasheet HTML 4Page - ATMEL Corporation AT25040B-SSHL-B Datasheet HTML 5Page - ATMEL Corporation AT25040B-SSHL-B Datasheet HTML 6Page - ATMEL Corporation AT25040B-SSHL-B Datasheet HTML 7Page - ATMEL Corporation AT25040B-SSHL-B Datasheet HTML 8Page - ATMEL Corporation AT25040B-SSHL-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
8707B–SEEPR–3/10
AT25010B/020B/040B
Table 1-1.
Pin Capacitance(1)
Note:
1. This parameter is characterized and is not 100% tested.
Table 1-2.
DC Characteristics(1)
Note:
1. V
IL min and VIH max are reference only and are not tested.
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted)
Symbol
Test Conditions
Max
Units
Conditions
C
OUT
Output Capacitance (SO)
8
pF
V
OUT =0V
C
IN
Input Capacitance (CS, SCK, SI, WP, HOLD)
6
pF
V
IN =0V
Applicable over recommended operating range from: T
AI = −40⋅Cto+85⋅C, VCC = +1.8V to +5.5V, (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
1.8
5.5
V
V
CC2
Supply Voltage
2.5
5.5
V
V
CC3
Supply Voltage
4.5
5.5
V
I
CC1
Supply Current
V
CC = 5.0V at 20 MHz, SO = Open, Read
8.5
10.0
mA
I
CC2
Supply Current
V
CC = 5.0V at 10 MHz, SO = Open, Read, Write
4.5
5.0
mA
I
CC3
Supply Current
V
CC = 5.0V at 1 MHz, SO = Open, Read, Write
2.0
3.0
mA
I
SB1
Standby Current
V
CC = 1.8V, CS = VCC
0.1
0.5
µA
I
SB2
Standby Current
V
CC = 2.5V, CS = VCC
0.2
1.0
µA
I
SB3
Standby Current
V
CC = 5.0V, CS = VCC
2.0
3.5
µA
I
IL
Input Leakage
V
IN =0VtoVCC
−3.0
µA
I
OL
Output Leakage
V
IN =0VtoVCC,TAC = 0°C to 70°C
−3.0
3.0
µA
V
IL
(1)
Input Low-voltage
−0.6
V
CC x 0.3
V
V
IH
(1)
Input High-voltage
V
CC x 0.7
V
CC + 0.5
V
V
OL1
Output Low-voltage
3.6V
≤ V
CC ≤ 5.5V
I
OL = 3.0 mA
0.4
V
V
OH1
Output High-voltage
I
OH = −1.6 mA
V
CC − 0.8
V
V
OL2
Output Low-voltage
1.8V
≤ V
CC ≤ 3.6V
I
OL = 0.15 mA
0.2
V
V
OH2
Output High-voltage
I
OH = −100 µA
V
CC − 0.2
V


Similar Part No. - AT25040B-SSHL-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
More results

Similar Description - AT25040B-SSHL-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A_06 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com