Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72520T0250K062 Datasheet(PDF) 3 Page - EPCOS

Part # B72520T0250K062
Description  Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72520T0250K062 Datasheet(HTML) 3 Page - EPCOS

  B72520T0250K062 Datasheet HTML 1Page - EPCOS B72520T0250K062 Datasheet HTML 2Page - EPCOS B72520T0250K062 Datasheet HTML 3Page - EPCOS B72520T0250K062 Datasheet HTML 4Page - EPCOS B72520T0250K062 Datasheet HTML 5Page - EPCOS B72520T0250K062 Datasheet HTML 6Page - EPCOS B72520T0250K062 Datasheet HTML 7Page - EPCOS B72520T0250K062 Datasheet HTML 8Page - EPCOS B72520T0250K062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
EPCOS type designation system for standard series
CT
0603
K
17
G
K2
Construction:
CT
Single chip with nickel barrier
termination (AgNiSn)
CN
Single chip with silver-palladium
termination (AgPd)
CN...K2
Single chip with silver-platinum
termination (AgPt)
Case sizes:
0201
0402
0603
0805
1206
1210
1812
2220
Tolerance of the varistor voltage:
K
±10%
L
±15%
M
±20%
S
Special tolerance
Maximum RMS operating voltage (VRMS):
17
17 V
Taping mode:
G
180-mm reel
AgPt termination
Multilayer varistors (MLVs)
Standard series
Page 2 of 81
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72520T0250K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520T0250K062 EPCOS-B72520T0250K062 Datasheet
129Kb / 15P
   Multilayer technology
B72520T0250K062 EPCOS-B72520T0250K062 Datasheet
1Mb / 67P
   Ceramic transient voltage suppressors
B72520T0250K062 EPCOS-B72520T0250K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72520T0250K062 EPCOS-B72520T0250K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72520T0250K062 EPCOS-B72520T0250K062 Datasheet
137Kb / 16P
   SMD Varistors
More results

Similar Description - B72520T0250K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com