Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9818E-30GV Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9818E-30GV
Description  N-Channel Open-Drain Output, Low Functional Supply Voltage 0.9V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818E-30GV Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9818E-30GV Datasheet HTML 1Page - Richtek Technology Corporation RT9818E-30GV Datasheet HTML 2Page - Richtek Technology Corporation RT9818E-30GV Datasheet HTML 3Page - Richtek Technology Corporation RT9818E-30GV Datasheet HTML 4Page - Richtek Technology Corporation RT9818E-30GV Datasheet HTML 5Page - Richtek Technology Corporation RT9818E-30GV Datasheet HTML 6Page - Richtek Technology Corporation RT9818E-30GV Datasheet HTML 7Page - Richtek Technology Corporation RT9818E-30GV Datasheet HTML 8Page - Richtek Technology Corporation RT9818E-30GV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9818
3
DS9818-10 May 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Terminal Voltage (with Respect to GND)
VDD ---------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
All Other Inputs -----------------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.3V)
Input Current, IVDD -------------------------------------------------------------------------------------------------- 20mA
Power Dissipation, PD @ TA = 25
°C
SC-70 / SC-82------------------------------------------------------------------------------------------------------- 0.25W
SOT-23-3 ------------------------------------------------------------------------------------------------------------- 0.4W
SOT-23-5 ------------------------------------------------------------------------------------------------------------- 0.4W
SOT-89 ---------------------------------------------------------------------------------------------------------------- 0.55W
Package Thermal Resistance (Note 2)
SC-70 / SC-82,
θJA ------------------------------------------------------------------------------------------------- 400°C/W
SOT-23-3,
θJA -------------------------------------------------------------------------------------------------------- 250°C/W
SOT-23-5,
θJA -------------------------------------------------------------------------------------------------------- 250°C/W
SOT-89,
θJA ---------------------------------------------------------------------------------------------------------- 180°C/W
Lead Temperature (Soldering, 10sec.)------------------------------------------------------------------------- 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------- 2kV
Electrical Characteristics
(VDD = 3V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating VDD (VOUT) Range
VDD
0.9
--
6
V
Supply Current
IDD
VTH = 3V, VDD = 4.5V, TA = 27°C
--
3
8
μA
Reset Threshold
VTH
TA = 27°C
--
1.2 to 5
--
V
Threshold Voltage Accuracy
ΔVTH
TA = 27°C
−1.5
--
1.5
%
VDD Drop to Reset Delay
tRD
Drop = VTH −125mV
--
20
--
μs
RT9818A/E
--
0
--
RT9818B/F
35
55
75
RT9818C/G
143
220
297
Reset Active
Time Out Period
RT9818D/H
tRP
VDD ≥ 1.02 x VTH
292
450
608
ms
RESET Output Voltage Low
(Note 5)
VOL
3 = VDD < VTH ISINK > 3.5mA
--
--
0.4
V
Hysteresis Width
VHYS
--
0.01VTH 0.016VTH
V
Recommended Operating Conditions
(Note 4)
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C


Similar Part No. - RT9818E-30GV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9818E-30GV RICHTEK-RT9818E-30GV Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9818E-30GV RICHTEK-RT9818E-30GV Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9818E-30GV RICHTEK-RT9818E-30GV Datasheet
226Kb / 14P
   Internally Fixed Threshold 1.2V to 5V in 0.1V Step, High Accuracy 짹1.5%
RT9818E-30GV RICHTEK-RT9818E-30GV Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9818E-30GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
ON Semiconductor
ASM1816 ONSEMI-ASM1816 Datasheet
134Kb / 8P
   Low Power Open-Drain Output
August, 2011 ??Rev. 3
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
   open drain output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
   General Purpose, Low Voltage Comparator with Open-Drain Output
logo
Rohm
BU7230G ROHM-BU7230G Datasheet
613Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7250G ROHM-BU7250G Datasheet
635Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7233YF-C ROHM-BU7233YF-C Datasheet
1Mb / 22P
   Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com