Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32921C3104M289 Datasheet(PDF) 11 Page - EPCOS

Part # B32921C3104M289
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32921C3104M289 Datasheet(HTML) 11 Page - EPCOS

Back Button B32921C3104M289 Datasheet HTML 7Page - EPCOS B32921C3104M289 Datasheet HTML 8Page - EPCOS B32921C3104M289 Datasheet HTML 9Page - EPCOS B32921C3104M289 Datasheet HTML 10Page - EPCOS B32921C3104M289 Datasheet HTML 11Page - EPCOS B32921C3104M289 Datasheet HTML 12Page - EPCOS B32921C3104M289 Datasheet HTML 13Page - EPCOS B32921C3104M289 Datasheet HTML 14Page - EPCOS B32921C3104M289 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application note for the different possible X1 / X2 positions
In series with the powerline
(i.e. capacitive power supply)
Typical Applications:
Power meters
ECUs for white goods and household
appliances
Different sensor applications
Severe ambient conditions
In parallel with the powerline
Typical Applications:
Standard X2 are used parallel over the mains for
reducing electromagnetic interferences coming
from the grid. For such purposes they must meet
the applicable EMC directives and standards.
Basic circuit
Basic circuit
Required features
High capacitance stability over the lifetime
Narrow tolerances for a controlled current
supply
Required features
Standard safety approvals
(ENEC, UL, CSA, CQC)
High pulse load capability
Withstand surge voltages
Recommended EPCOS product series
B3293* (305 V AC) heavy duty with
EN approval for X2 (UL Q1/2010)
B3292*7 (305 V AC)
improved standard series, approved as X2
B3291* (330 V AC), approved as X1
B3265* MKP series
standard MKP capacitor without safety
approvals
B3267*L MKP series
standard MKP capacitor without safety
approvals
Recommended EPCOS product series
B3292*C/D (305 V AC)
standard series, approved as X2
B3292*E/F (305 V AC)
miniaturized series (> 2.2 µF), approved as X2
B3291* (330 V AC), approved as X1
B32921C/D ... B32928C/D
X2 / 305 V AC
Page 11 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32921C3104M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32921C3104M289 EPCOS-B32921C3104M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C3104M289 EPCOS-B32921C3104M289 Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
More results

Similar Description - B32921C3104M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921 EPCOS-B32921 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com