Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72500T2170K060 Datasheet(PDF) 6 Page - EPCOS

Part # B72500T2170K060
Description  Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72500T2170K060 Datasheet(HTML) 6 Page - EPCOS

Back Button B72500T2170K060 Datasheet HTML 2Page - EPCOS B72500T2170K060 Datasheet HTML 3Page - EPCOS B72500T2170K060 Datasheet HTML 4Page - EPCOS B72500T2170K060 Datasheet HTML 5Page - EPCOS B72500T2170K060 Datasheet HTML 6Page - EPCOS B72500T2170K060 Datasheet HTML 7Page - EPCOS B72500T2170K060 Datasheet HTML 8Page - EPCOS B72500T2170K060 Datasheet HTML 9Page - EPCOS B72500T2170K060 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Electrical specifications and ordering codes
Maximum ratings (Top,max = 125 °C, for HT types Top,max = 150 °C)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20
µs)
A
Wmax
(2 ms)
mJ
WLD
(10
pulses)
J
Pdiss,max
mW
AUTO range, CN types
CN1812S14BAUTOE2G2
B72580V3140S272 14
16
800
2400 12
15
CN1812S14BAUTOE2G2K2 B72582V3140S272 14
16
800
2400 12
15
CN1812S14BAUTOG
B72580V1140S262 14
16
800
2400 6
15
CN1812S14BAUTOGK2
B72582V1140S262 14
16
800
2400 6
15
CN2220S14BAUTOE2G2
B72540V3140S272 14
16
1200
5800 25
30
CN2220S14BAUTOE2G2K2 B72542V3140S272 14
16
1200
5800 25
30
CN2220S14BAUTOG
B72540V1140S262 14
16
1200
5800 12
30
CN2220S14BAUTOGK2
B72542V1140S262 14
16
1200
5800 12
30
CN2220S14EAUTOE2G2K2 B72542V3140S572 14
16
1200
5800 25
30
CN2220K30AUTOE2G2
B72540V3300K072 30
34
1200 12000 25
30
CN2220K30AUTOE2G2K2 B72542V3300K072 30
34
1200 12000 25
30
CN2220K30AUTOG
B72540V1300K062 30
34
1200 12000 12
30
CN2220K30AUTOGK2
B72542V1300K062 30
34
1200 12000 12
30
AUTO range, CT types
CT0603S14BAUTOG
B72500T1140S260 14
16
30
200 -
3
CT0805S14BAUTOG
B72510T1140S262 14
16
120
300 1
8
CT1206S14BAUTOG
B72520T1140S262 14
16
200
600 1.5
8
CT1210S14BAUTOG
B72530T1140S262 14
16
400
1600 3
10
CT1210K17AUTOG
B72530T1170K062 17
22
400
1700 3
10
CT1206K20AUTOG
B72520T1200K062 20
26
200
700 1.5
8
CT1210K20AUTOG
B72530T1200K062 20
26
400
1900 3
10
CT0805K25AUTOG
B72510T1250K062 25
31
80
300 1
5
CT1206K25AUTOG
B72520T1250K062 25
31
200
1000 1.5
8
CT1210K25AUTOG
B72530T1250K062 25
31
300
1700 3
10
High temperature (HT) range
CN0603S14BHTG2
B72500H0140S270 14
18
30
200 -
3
CN0603S17BHTG
B72500H0170S260 17
22
30
75 -
3
CN1210K17AUTOHTG
B72530H1170K062 17
22
400
1700 3
10
CN0603K25HTG5
B72500H0250K062 25
31
30
300 -
3
Special capacitance range, CT types
CT0603S14AHSG
B72500T8140S160 14
16
5
30 -
3
CT0603K17CCG
B72500T5170K060 17
22
30
200 -
3
CT0603K17LCG
B72500T2170K060 17
22
10
100 -
1
CT0603S17ALCG
B72500T2170S160 17
22
30
75 -
3
CT0603S17BCCG
B72500T5170S260 17
22
30
75 -
3
Multilayer varistors (MLVs)
Automotive series
Page 6 of 72
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72500T2170K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500T2170K060 EPCOS-B72500T2170K060 Datasheet
129Kb / 15P
   Multilayer technology
B72500T2170K060 EPCOS-B72500T2170K060 Datasheet
732Kb / 32P
   Ceramic transient voltage suppressors
B72500T2170K060 EPCOS-B72500T2170K060 Datasheet
1Mb / 67P
   Ceramic transient voltage suppressors
B72500T2170K060 EPCOS-B72500T2170K060 Datasheet
137Kb / 16P
   SMD Varistors
B72500T2170K060 EPCOS-B72500T2170K060 Datasheet
131Kb / 15P
   SMD Varistors
More results

Similar Description - B72500T2170K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com