Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-4X006 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CNY17-4X006
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17-4X006 Datasheet(HTML) 2 Page - Vishay Siliconix

  CNY17-4X006 Datasheet HTML 1Page - Vishay Siliconix CNY17-4X006 Datasheet HTML 2Page - Vishay Siliconix CNY17-4X006 Datasheet HTML 3Page - Vishay Siliconix CNY17-4X006 Datasheet HTML 4Page - Vishay Siliconix CNY17-4X006 Datasheet HTML 5Page - Vishay Siliconix CNY17-4X006 Datasheet HTML 6Page - Vishay Siliconix CNY17-4X006 Datasheet HTML 7Page - Vishay Siliconix CNY17-4X006 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CNY17
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 25-Oct-12
2
Document Number: 83606
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
• Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp
≤ 10 μs
IFSM
2.5
A
LED power dissipation
at 25 °C
Pdiss
70
mW
OUTPUT
Collector emitter breakdown voltage
BVCEO
70
V
Emitter base breakdown voltage
BVEBO
7V
Collector current
IC
50
mA
tp/T = 0.5, tp
≤ 10 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
COUPLER
Isolation test voltage between emitter and detector
t = 1 s
VISO
5000
VRMS
Creepage distance
≥ 7mm
Clearance distance
≥ 7mm
Isolation thickness between emitter and detector
≥ 0.4
mm
Comparative tracking index per
DIN IEC 112/VDE 0303, part 1
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 110
°C
Soldering temperature (1)
2 mm from case,
≤ 10 s
Tsld
260
°C
Total power dissipation
Pdiss
220
mW
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
1.39
1.65
V
Breakdown voltage
IR = 10 μA
VBR
6V
Reverse current
VR = 6 V
IR
0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
25
pF
Thermal resistance
Rth
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
5.2
pF
Collector base capacitance
VCE = 5 V, f = 1 MHz
CCB
6.5
pF
Emitter base capacitance
VCE = 5 V, f = 1 MHz
CEB
7.5
pF
Thermal resistance
Rth
500
K/W
COUPLER
Collector emitter, saturation voltage
VF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.6
pF
Collector emitter, leakage current
VCE = 10 V
CNY17-1
ICEO
250
nA
CNY17-2
ICEO
250
nA
CNY17-3
ICEO
5
100
nA
CNY17-4
ICEO
5
100
nA


Similar Part No. - CNY17-4X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-4X006 VISHAY-CNY17-4X006 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
CNY17-4X006 VISHAY-CNY17-4X006 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
CNY17-4X006 VISHAY-CNY17-4X006 Datasheet
212Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 2.1, 08-Jan-14
CNY17-4X006 VISHAY-CNY17-4X006 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - CNY17-4X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com