Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59970C0080A070 Datasheet(PDF) 9 Page - EPCOS

Part # B59970C0080A070
Description  PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59970C0080A070 Datasheet(HTML) 9 Page - EPCOS

Back Button B59970C0080A070 Datasheet HTML 5Page - EPCOS B59970C0080A070 Datasheet HTML 6Page - EPCOS B59970C0080A070 Datasheet HTML 7Page - EPCOS B59970C0080A070 Datasheet HTML 8Page - EPCOS B59970C0080A070 Datasheet HTML 9Page - EPCOS B59970C0080A070 Datasheet HTML 10Page - EPCOS B59970C0080A070 Datasheet HTML 11Page - EPCOS B59970C0080A070 Datasheet HTML 12Page - EPCOS B59970C0080A070 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Characteristics (typical) for Tref = 130 °C
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IR versus ambient temperature TA
(measured in still air)
Overcurrent protection
Leaded disks, coated, 63 V
C910 ... C990
Page 9 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59970C0080A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
886Kb / 13P
   Leaded disks, coated, 63 V
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
600Kb / 15P
   PTC thermistors for overcurrent protection
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
603Kb / 13P
   PTC thermistors for overcurrent protection
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
599Kb / 15P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59970C0080A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59935C0120A070 EPCOS-B59935C0120A070_12 Datasheet
149Kb / 10P
   PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V
B59884C0120A070 EPCOS-B59884C0120A070_11 Datasheet
245Kb / 9P
   PTC thermistors for overcurrent protection Leaded disks, coated, 380 V, 500 V
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
   Overcurrent Protection Leaded Disks, Coated
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
886Kb / 13P
   Leaded disks, coated, 63 V
B59750B0120A070 EPCOS-B59750B0120A070_11 Datasheet
408Kb / 13P
   PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
   Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com