Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9818C-41GVL Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9818C-41GVL
Description  N-Channel Open-Drain Output, Low Functional Supply Voltage 0.9V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818C-41GVL Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9818C-41GVL Datasheet HTML 6Page - Richtek Technology Corporation RT9818C-41GVL Datasheet HTML 7Page - Richtek Technology Corporation RT9818C-41GVL Datasheet HTML 8Page - Richtek Technology Corporation RT9818C-41GVL Datasheet HTML 9Page - Richtek Technology Corporation RT9818C-41GVL Datasheet HTML 10Page - Richtek Technology Corporation RT9818C-41GVL Datasheet HTML 11Page - Richtek Technology Corporation RT9818C-41GVL Datasheet HTML 12Page - Richtek Technology Corporation RT9818C-41GVL Datasheet HTML 13Page - Richtek Technology Corporation RT9818C-41GVL Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT9818
11
DS9818-10 May 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.800
1.100
0.031
0.043
A1
0.000
0.100
0.000
0.004
B
1.150
1.350
0.045
0.053
b
0.150
0.400
0.006
0.016
b1
0.350
0.500
0.014
0.020
C
1.800
2.450
0.071
0.096
D
1.800
2.200
0.071
0.087
e
1.300
0.051
H
0.080
0.260
0.003
0.010
L
0.200
0.460
0.008
0.018
SC
-82 Surface Mount Package
e
D
A
C
b
A1
L
B
b1
H
e


Similar Part No. - RT9818C-41GVL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9818C-41GVL RICHTEK-RT9818C-41GVL Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9818C-41GVL RICHTEK-RT9818C-41GVL Datasheet
226Kb / 14P
   Internally Fixed Threshold 1.2V to 5V in 0.1V Step, High Accuracy 짹1.5%
RT9818C-41GVL RICHTEK-RT9818C-41GVL Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9818C-41GVL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
ON Semiconductor
ASM1816 ONSEMI-ASM1816 Datasheet
134Kb / 8P
   Low Power Open-Drain Output
August, 2011 ??Rev. 3
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
   open drain output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
   General Purpose, Low Voltage Comparator with Open-Drain Output
logo
Rohm
BU7230G ROHM-BU7230G Datasheet
613Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7250G ROHM-BU7250G Datasheet
635Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7233YF-C ROHM-BU7233YF-C Datasheet
1Mb / 22P
   Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com