Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5347AE-TD-E Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5347AE-TD-E
Description  High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifi er Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5347AE-TD-E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5347AE-TD-E Datasheet HTML 1Page - Sanyo Semicon Device 2SC5347AE-TD-E Datasheet HTML 2Page - Sanyo Semicon Device 2SC5347AE-TD-E Datasheet HTML 3Page - Sanyo Semicon Device 2SC5347AE-TD-E Datasheet HTML 4Page - Sanyo Semicon Device 2SC5347AE-TD-E Datasheet HTML 5Page - Sanyo Semicon Device 2SC5347AE-TD-E Datasheet HTML 6Page - Sanyo Semicon Device 2SC5347AE-TD-E Datasheet HTML 7Page - Sanyo Semicon Device 2SC5347AE-TD-E Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5347A
No. A1087-4/8
S Parameter
S11e
f=100MHz to 1200MHz(100MHz Step)
S21e
f=100MHz to 1200MHz(100MHz Step)
S12e
f=100MHz to 1200MHz(100MHz Step)
S22e
f=100MHz to 1200MHz(100MHz Step)
j50
j25
j10
0
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
90
°
120
°
150
°
±180°
--150
°
--120
°
--90
°
--30
°
--60
°
0
60
°
30
°
16
20
12
8
4
90
°
120
°
150
°
±180°
--150
°
--120
°
--90
°
--30
°
--60
°
0
60
°
30
°
0.04 0.08
0.16
0.12
0.2
j50
j25
j10
0
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
ITR08164
ITR08165
ITR08166
ITR08167
10
150 250 500
25
50
100
150 250 500
50
100
10
25
0.1GHz VCE=5V
IC=20mA
VCE=8V
IC=70mA
VCE=5V
IC=50mA
1.2GHz
VCE=5V
IC=50mA
VCE=8V
IC=70mA
VCE=5V
IC=20mA
VCE=5V
IC=50mA
VCE=8V
IC=70mA
VCE=5V
IC=20mA
VCE=8V
IC=70mA
VCE=5V
IC=20mA
0.1GHz
0.1GHz
1.2GHz
0.1GHz
1.2GHz
VCE=5V
IC=50mA
1.2GHz


Similar Part No. - 2SC5347AE-TD-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5347AE-TD-E ONSEMI-2SC5347AE-TD-E Datasheet
318Kb / 8P
   RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
More results

Similar Description - 2SC5347AE-TD-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5347A SANYO-2SC5347A Datasheet
78Kb / 6P
   High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifier Applications
2SC5347 SANYO-2SC5347 Datasheet
132Kb / 4P
   High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifiers Applications?
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
CPH6904 SANYO-CPH6904 Datasheet
372Kb / 4P
   N-Channel Silicon MOSFET High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com