Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO3316P-103_L_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO3316P-103_L_
Description  High energy storage and very low resistance, Most values available with 10% tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3316P-103_L_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO3316P-103_L_ Datasheet HTML 1Page - Coilcraft lnc. DO3316P-103_L_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
SMTPowerInductors–DO3316P Series
Document 179-1
Document 179-1 Revised 09/25/12
DCR
SRF
Part
L2
Percent max
typ4 Isat5 Irms6
number1
(µH)
tol3 (Ohms) (MHz) (A)
(A)
DO3316P-102ML_
1.0
20
0.009 100
9.0
6.8
DO3316P-152ML_
1.5
20
0.010
90
8.0
6.4
DO3316P-222_L_
2.2
20,10 0.012
80
7.0
6.1
DO3316P-332_L_
3.3
20,10 0.015
65
6.4
5.4
DO3316P-472_L_
4.7
20,10 0.018
45
5.4
4.8
DO3316P-682_L_
6.8
20,10 0.027
38
4.6
4.4
DO3316P-103_L_ 10
20,10 0.038
30
3.8
3.9
DO3316P-153_L_ 15
20,10 0.046
27
3.0
3.1
DO3316P-223_L_ 22
20,10 0.085
19
2.3
2.7
DO3316P-333_L_ 33
20,10 0.10
15
2.0
2.1
DO3316P-473_L_ 47
20,10 0.14
12
1.6
1.8
DO3316P-683_L_ 68
20,10 0.20
10
1.4
1.5
DO3316P-104_L_ 100
20,10 0.28
9
1.2
1.3
DO3316P-154_L_ 150
20,10 0.40
6
1.0
1.0
DO3316P-224_L_ 220
20,10 0.61
5
0.80 0.80
DO3316P-334_L_ 330
20,10 1.02
4.5 0.60 0.60
DO3316P-474_L_ 470
20,10 1.27
3.5 0.50 0.50
DO3316P-684_L_ 680
20,10 2.02
2.5 0.40 0.40
DO3316P-105_L_1000
20,10 3.00
2.0 0.30 0.30
DO3316P-155_L_1500
20,10 4.49
1.7 0.29 0.27
DO3316P-335_L_3300
20,10 8.97
1.1 0.19 0.17
1. When ordering, specify
tolerance, termination and packaging codes:
DO3316P-105MLD
Tolerance:
M = 20%, K = 10% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant gold over nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging:
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
2. Tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP 4263B LCR
meter or equivalent.
3. Tolerances in bold are stocked for immediate shipment.
4. SRF >13 MHz measured using Agilent/HP 8753D network analyzer;
<13 MHz using Agilent/HP 4192A.
5. DC current at which inductance drops 10% (typ) from its value without
current.
6. Current that causes a 40°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C378 contains 3 of each 20% part
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant gold over nickel over phos bronze.
Other terminations available at additional cost.
Weight 0.92– 1.23 g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000 per 13
″ reel Plastic tape: 24 mm wide,
0.33 mm thick, 12 mm pocket spacing, 5.8 mm pocket depth
PCB washing Only pure water or alcohol recommended
• High energy storage and very low resistance
• Most values available with 10% tolerance
• High inductance values are perfect for EL driver applications.


Similar Part No. - DO3316P-103_L_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316P-103KLD COILCRAFT-DO3316P-103KLD Datasheet
215Kb / 2P
   SMT Power Inductors - DO3316P Series
DO3316P-103MLB COILCRAFT-DO3316P-103MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
DO3316P-103MLD COILCRAFT-DO3316P-103MLD Datasheet
249Kb / 2P
   SMT Power Inductors DO3316P Series
DO3316P-103MLD COILCRAFT-DO3316P-103MLD Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
More results

Similar Description - DO3316P-103_L_

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-RW1-RW2 OHMITE-RES-RW1-RW2 Datasheet
344Kb / 2P
   Extremely low resistance and high precision tolerance
logo
Vishay Siliconix
NTHS0805N06N2001JE VISHAY-NTHS0805N06N2001JE Datasheet
95Kb / 4P
   Extended resistance values available in standard sizes
Revision: 25-Jan-12
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
   The most integrated and flexible Bluetooth짰 low energy SoC
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
   Custom values available
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STL25N15F3 STMICROELECTRONICS-STL25N15F3 Datasheet
642Kb / 12P
   Very low thermal resistance
March 2009 Rev 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com