Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1008PS-102KL_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008PS-102KL_
Description  Higher SRF than our other power inductors, High inductance with tight tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008PS-102KL_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008PS-102KL_ Datasheet HTML 1Page - Coilcraft lnc. 1008PS-102KL_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Shielded High SRF Inductors –1008PS
Document 219-1
Document 219-1 Revised 03/14/12
Inductance
DCR4
SRF5
Isat (A)6
Irms (A)7
Part
±10%2
Q
max
typ 10% 20% 30% 20°C 40°C
number1
(µH)
min3 (Ohms) (MHz) drop drop drop
rise rise
1008PS-102KL_
1.0
35
0.05
387
3.5
3.9
4.2
1.4
2.0
1008PS-152KL_
1.5
35
0.06
276
2.7
3.2
3.5
1.4
2.0
1008PS-182KL_
1.8
35
0.09
253
2.3
2.7
3.0
0.98 1.4
1008PS-222KL_
2.2
36
0.10
228
2.4
2.8
3.1
1.2
1.7
1008PS-272KL_
2.7
38
0.14
207
1.6
2.0
2.3
1.0
1.4
1008PS-332KL_
3.3
26
0.84
199
1.5
1.6
1.6
0.51 0.67
1008PS-392KL_
3.9
38
0.26
185
1.5
1.8
2.0
0.82 1.1
1008PS-472KL_
4.7
38
0.35
160
1.3
1.6
1.7
0.70 0.95
1008PS-562KL_
5.6
38
0.36
150
1.5
1.7
1.8
0.66 0.87
1008PS-682KL_
6.8
38
0.58
120
1.3
1.5
1.6
0.45 0.76
1008PS-103KL_
10
38
0.92
105
0.84 1.0
1.1
0.40 0.59
1008PS-153KL_
15
38
1.15
35
0.81 0.87 0.90 0.36 0.51
1008PS-223KL_
22
40
1.40
26
0.67 0.75 0.79 0.33 0.44
1008PS-333KL_
33
45
1.61
20
0.53 0.61 0.68 0.30 0.42
1008PS-393KL_
39
45
1.85
16
0.49 0.56 0.60 0.28 0.39
1008PS-473KL_
47
45
2.5
19
0.47 0.52 0.54 0.23 0.31
1008PS-683KL_
68
45
3.8
12
0.38 0.42 0.45 0.21 0.26
1008PS-823KL_
82
45
4.3
9.0 0.33 0.38 0.42 0.18 0.26
1008PS-104KL_ 100
45
5.8
7.0 0.35 0.38 0.39 0.16 0.20
1008PS-124KL_ 120
50
6.3
7.0 0.30 0.33 0.35 0.14 0.20
1008PS-154KL_ 150
50
7.5
5.8 0.27 0.30 0.33 0.13 0.18
1008PS-224KL_ 220
55
10.0
5.0 0.21 0.24 0.27 0.13 0.17
1008PS-334KL_ 330
55
11.5
3.8 0.19 0.21 0.23 0.11 0.15
1008PS-474KL_ 470
55
16.3
3.1 0.14 0.17 0.19 0.10 0.13
1008PS-564KL_ 560
55
18.1
2.8 0.13 0.15 0.17 0.093 0.12
1008PS-684KL_ 680
55
24.0
2.5 0.11 0.15 0.17 0.073 0.11
1008PS-824KL_ 820
45
26.0
1.5 0.10 0.12 0.13 0.073 0.10
1008PS-105KL_ 1000
45
29.0
2.0 0.11 0.13 0.14 0.070 0.10
1. When ordering, specify
packaging code:
1008PS-105KLC
Packaging: C= 7
″ machine-ready reel. EIA-481 em-
bossed plastic tape (750 parts per full
reel).
B= Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory order
only, not stocked (2500 parts per full
reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, using
Coilcraft SMD-A fixture in Agilent/HP 4263B impedance
analyzer or equivalent.
3. Q measured at 1 MHz using an Agilent/HP 16193 test
fixture and an Agilent/HP 4291 or equivalent.
4. DCR measured on micro-ohmmeter and Coilcraft
CCF840 test fixture.
5. SRF measured using a Coilcraft SMD-D test fixture and
an Agilent/HP 8753D network analyzer or equivalent.
6. DC current at which the inductance drops the specicfied
amount from its value without current.
7. Current that causes the specified temperature rise from
25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
Core material Ceramic/Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Weight 122– 132 mg
Ambient temperature –40°C to +105°C with Irms current, +105°C
to +145°C with derated current
Storage temperature Component: –40°C to +145°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 750/7
″reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 3.3 mm pocket depth
PCB washing Only pure water or alcohol recommended
• HigherSRFthanourotherpowerinductors
• Highinductancewithtighttolerance
• Excellentcurrenthandlingforapartthissize


Similar Part No. - 1008PS-102KL_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS-102KLB COILCRAFT-1008PS-102KLB Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
1008PS-102KLC COILCRAFT-1008PS-102KLC Datasheet
250Kb / 2P
   Shielded High SRF Inductors 1008PS
1008PS-102KLC COILCRAFT-1008PS-102KLC Datasheet
251Kb / 2P
   Shielded High SRF Inductors - 1008PS
1008PS-102KLC COILCRAFT-1008PS-102KLC Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
1008PS-102KLD COILCRAFT-1008PS-102KLD Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
More results

Similar Description - 1008PS-102KL_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HL COILCRAFT-0402HL Datasheet
301Kb / 2P
   Higher inductance values than other 0402 ceramic chip inductors
0603HP COILCRAFT-0603HP_12 Datasheet
150Kb / 2P
   Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
0805PS COILCRAFT-0805PS_18 Datasheet
269Kb / 2P
   Shielded High SRF Inductors
1008PS COILCRAFT-1008PS_18 Datasheet
261Kb / 2P
   Shielded High SRF Inductors
1812PS COILCRAFT-1812PS_17 Datasheet
274Kb / 2P
   Shielded High SRF Inductors
0603PS COILCRAFT-0603PS_18 Datasheet
276Kb / 2P
   Shielded High SRF Inductors
1008PS-105KLC COILCRAFT-1008PS-105KLC Datasheet
250Kb / 2P
   Shielded High SRF Inductors 1008PS
1812PS-103JLC COILCRAFT-1812PS-103JLC Datasheet
226Kb / 2P
   Shielded High SRF Inductors - 1812PS
1008PS-182KLC COILCRAFT-1008PS-182KLC Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com