Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1542Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1542Z
Description  Versatile Link The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1542Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1542Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1542Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1542Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1542Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1542Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1542Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1542Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1542Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1542Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HFBR-0500ETZ Series
Versatile Link
The Versatile Fiber Optic Connection
Data Sheet
Features
 Extended temperature range -40 to +85° C
 RoHS-compliant
 Low cost fiber optic components
 Enhanced digital links: dc-5 MBd
 Link distance up to 43m at 1MBd and 20m at 5MBd
 Low current link: 6 mA peak supply current
 Horizontal and vertical mounting
 Interlocking feature
 High noise immunity
 Easy connectoring: simplex, duplex, and latching
connectors
 Flame retardant
 Transmitters incorporate a 660 nm red LED for easy
visibility
 Compatible with standard TTL circuitry
Applications
 Industrial Drives/Frequency Inverters
 Renewable Energies (Wind Turbines, Solar PV farms)
Power electronics
 Reduction of lightning/voltage transient susceptibility
 Motor controller triggering
 Data communications and local area networks
 Electromagnetic Compatibility (EMC) for regulated
systems: FCC, VDE, CSA, etc.
 Tempest-secure data processing equipment
 Isolation in test and measurement instruments
 Error free signalling for industrial and manufacturing
equipment
 Automotive communications and control networks
 Noise immune communication in audio and video
equipment
Description
The Versatile Link series is a complete family of fiber
optic link components for applications requiring a low
cost solution. The HFBR-0500ETZ series includes trans-
mitters, receivers, connectors and cable specified for
easy design. This series of components is ideal for
solving problems with voltage isolation/insulation,
EMI/RFI immunity or data security. The optical link
design is simplified by the logic compatible receivers
and complete specifi-cations for each component. The
key optical and electrical parameters of links configured
with the HFBR-0500ETZ family are fully guaranteed from
-40° to 85° C.
A wide variety of package configurations and connectors
provide the designer with numerous mechanical solutions
to meet application requirements. The transmitter and
receiver components have been designed for use in high
volume/low cost assembly processes such as auto inser-
tion and wave soldering.
Transmitters incorporate a 660 nm LED. Receivers
include a monolithic dc coupled, digital IC receiver
with open collector Schottky output transistor. An
internal pullup resistor is available for use in the
HFBR-25X1ETZ and HFBR-25X2ETZ receivers. A shield has
been integrated into the receiver IC to provide additional,
localized noise immunity.
Internal optics have been optimized for use with 1 mm
diameter plastic optical fiber. Versatile Link specifications
incorporate all connector interface losses. Therefore,
optical calculations for common link applications are
simplified.


Similar Part No. - HFBR-1542Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
HFBR-1505AFZ AVAGO-HFBR-1505AFZ Datasheet
96Kb / 4P
   Change to improved mold compound
HFBR-1505AFZ AVAGO-HFBR-1505AFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
HFBR-1505AZ AVAGO-HFBR-1505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
More results

Similar Description - HFBR-1542Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com