Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8208AZQW Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8208AZQW
Description  Resistor Programmable Output Voltage from 0.75V to 3.3V with Integrated Transition Support
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8208AZQW Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8208AZQW Datasheet HTML 1Page - Richtek Technology Corporation RT8208AZQW Datasheet HTML 2Page - Richtek Technology Corporation RT8208AZQW Datasheet HTML 3Page - Richtek Technology Corporation RT8208AZQW Datasheet HTML 4Page - Richtek Technology Corporation RT8208AZQW Datasheet HTML 5Page - Richtek Technology Corporation RT8208AZQW Datasheet HTML 6Page - Richtek Technology Corporation RT8208AZQW Datasheet HTML 7Page - Richtek Technology Corporation RT8208AZQW Datasheet HTML 8Page - Richtek Technology Corporation RT8208AZQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RT8208A/B
3
DS8208A/B-04 May 2011
www.richtek.com
Function Block Diagram
Min. TOFF
QTRIG
1-SHOT
+
-
+
-
GM
0.75V VREF
SQ
Latch
SQ
Latch
+
-
OV
+
-
UV
125% VREF
70% VREF
+
-
90% VREF
SS Timer
Thermal
Shutdown
Diode
Emulation
DRV
DRV
On-time
Compute
1-SHOT
CS
FB
VOUT
VDD
UGATE
PHASE
VDDP
PGOOD
GND
LGATE
TON
BOOT
TRIG
EN
R
Q
S
SS
(internal)
Control
Logic
G0 G1
D0
D1
R
R
G0, G1
Counter
Blanking Signal
EN
-
+
GM
+
-
10µA
Pin No.
Pin Name
Pin Function
7
G0
Control Input Pin for the D0 MOSFET. A logic high for RT8208A and low for
RT8208B turn on the D0 MOSFET on, pulling D0 to the ground.
8
LGATE
Low side N-MOSFET gate driver output for PWM. This pin swings between GND
and VDDP.
9
VDDP
VDDP is the gate driver supply for external MOSFETs. Bypass to GND with a 1
μF
ceramic capacitor.
10
CS
Over Current Trip Point Set Input. Connect a resistor from this pin to signal ground
to set threshold for both over current and negative over current limit.
11
PHASE
The UGATE High Side Gate Driver Return. Also serves as anode of over current
comparator.
12
UGATE
High side N-MOSFET floating gate driver output for the PWM converter. This pin
swings between PHASE and BOOT.
13
BOOT
Boost Capacitor Connection for PWM Converter. Connect to an external ceramic
capacitor to PHASE.
14
G1
Control Input Pin for the D1 MOSFET. A logic high for RT8208A and low for
RT8208B turn on the D1 MOSFET on, pulling D1 to the ground.
15
EN/DEM
Enable/Diode Emulation Mode Control Input. Connect to VDD for diode–emulation
mode, connect to GND for shutdown and floating the pin for CCM mode.
16
TON
On Time/Frequency Adjustment Pin. Connect to PHASE through a resistor. TON is
an input for the PWM controller.
17 (Exposed pad) GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.


Similar Part No. - RT8208AZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8202 RICHTEK-RT8202 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT8202A RICHTEK-RT8202A Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT8202B RICHTEK-RT8202B Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT8204A RICHTEK-RT8204A Datasheet
405Kb / 19P
   Single Synchronous Buck with LDO Controller
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
   Single Synchronous Buck with LDO Controller
More results

Similar Description - RT8208AZQW

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8625AEVKIT MAXIM-MAX8625AEVKIT Datasheet
100Kb / 7P
   Programmable Output Voltage from 1.25V to 4.2V
Rev 2; 4/09
logo
Shanghai Leiditech Elec...
AZ431 LEIDITECH-AZ431 Datasheet
1Mb / 19P
   Programmable Precise Output Voltage from 2.5V to 36V or 18V
logo
Hittite Microwave Corpo...
HMC955LC4B HITTITE-HMC955LC4B_12 Datasheet
1Mb / 8P
   WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC954LC4B HITTITE-HMC954LC4B_12 Datasheet
985Kb / 8P
   WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Maxim Integrated Produc...
MAX20406EVKIT MAXIM-MAX20406EVKIT Datasheet
561Kb / 7P
   Output Voltage: 3.3V/5V Fixed and Adjustable from 0.8 to 10V
Rev 3; 7/21
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431 Datasheet
385Kb / 11P
   Programmable Output Voltage to 40V
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
   Programmable output voltage to 36V
logo
AUK corp
A431XSF AUK-A431XSF Datasheet
362Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
AF431XSF AUK-AF431XSF Datasheet
363Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
A431XM AUK-A431XM Datasheet
368Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com