Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-2547ET Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2547ET
Description  Versatile Link The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2547ET Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-2547ET Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-2547ET Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-2547ET Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2547ET Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2547ET Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2547ET Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2547ET Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2547ET Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2547ET Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Mechanical Dimensions
Horizontal Modules
Vertical Modules
6.86
(0.270)
10.16
(0.400)
4.19
(0.165)
1.27
(0.050)
2.54
(0.100)
0.51
(0.020)
18.8
(0.74)
2.03
(0.080)
7.62
(0.30)
0.64
(0.025)
7.62
(0.300)
2.77
(0.109)
1.85
(0.073)
0.64 (0.025) DIA.
5.08
(0.200)
3.81 (0.150) MAX.
3.56 (0.140) MIN.
2.03
(0.080)
10.16
(0.400)
5.08
(0.200)
6.86
(0.27)
18.80
(0.740)
18.29
(0.720)
30° Tilted Modules
DIMENSIONS IN MILLIMETERS (INCHES).
DIMENSIONS IN MILLIMETERS (INCHES).
7.62
(0.300)
2.54
(0.100)
0.4
(0.02)
B
18.7
(0.74)
30
0.7
(0.03)
0.5
(0.02)
A
1.1
(0.05)
2.2
(0.09)
19.3
(0.76)
1.3
(0.05)
8.7
(0.34)
10.1
(0.40)


Similar Part No. - HFBR-2547ET

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2541Z AVAGO-HFBR-2541Z Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-2547ET

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com