Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54AC04W Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54AC04W
Description  2-V to 6-V VCC Operation, Inputs Accept Voltages to 6 V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54AC04W Datasheet(HTML) 9 Page - Texas Instruments

Back Button SNJ54AC04W Datasheet HTML 5Page - Texas Instruments SNJ54AC04W Datasheet HTML 6Page - Texas Instruments SNJ54AC04W Datasheet HTML 7Page - Texas Instruments SNJ54AC04W Datasheet HTML 8Page - Texas Instruments SNJ54AC04W Datasheet HTML 9Page - Texas Instruments SNJ54AC04W Datasheet HTML 10Page - Texas Instruments SNJ54AC04W Datasheet HTML 11Page - Texas Instruments SNJ54AC04W Datasheet HTML 12Page - Texas Instruments SNJ54AC04W Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74AC04DBR
SSOP
DB
14
2000
367.0
367.0
38.0
SN74AC04DR
SOIC
D
14
2500
367.0
367.0
38.0
SN74AC04PWR
TSSOP
PW
14
2000
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 2


Similar Part No. - SNJ54AC04W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54AC04W TI1-SNJ54AC04W Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
SNJ54AC04W TI1-SNJ54AC04W Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SNJ54AC04W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC04PWR TI-SN74AC04PWR Datasheet
1Mb / 20P
[Old version datasheet]   2-V to 6-V VCC Operation, Inputs Accept Voltages to 6 V
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
   Output voltages from 3.3 V to 48 V
logo
XP Power Limited
AEH XPPOWER-AEH Datasheet
617Kb / 5P
   Output Voltages from 2.5 V to 48 V
logo
Texas Instruments
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54612QPWPRQ1 TI-TPS54612QPWPRQ1 Datasheet
344Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT,6-A OUTPUT SYNCHRONOUS BUCK PWM
logo
Sanken electric
LC5830K SANKEN-LC5830K Datasheet
1Mb / 25P
   Supply voltage 6 to 48 V
logo
Analog Devices
ADA4571R-EBZ AD-ADA4571R-EBZ Datasheet
847Kb / 13P
   Customer supplied 6 V to 12 V bench supply
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
   2.0 V to 3.6 V supply operation
logo
Texas Instruments
TLV0831C TI1-TLV0831C_14 Datasheet
696Kb / 21P
[Old version datasheet]    8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com