Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5501 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5501
Description  50 MHz to 6 GHz TruPwr Detector
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501 Datasheet(HTML) 1 Page - Analog Devices

  ADL5501_09 Datasheet HTML 1Page - Analog Devices ADL5501_09 Datasheet HTML 2Page - Analog Devices ADL5501_09 Datasheet HTML 3Page - Analog Devices ADL5501_09 Datasheet HTML 4Page - Analog Devices ADL5501_09 Datasheet HTML 5Page - Analog Devices ADL5501_09 Datasheet HTML 6Page - Analog Devices ADL5501_09 Datasheet HTML 7Page - Analog Devices ADL5501_09 Datasheet HTML 8Page - Analog Devices ADL5501_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
50 MHz to 6 GHz
TruPwr Detector
ADL5501
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2009 Analog Devices, Inc. All rights reserved.
FEATURES
True rms response
Excellent temperature stability
Up to 30 dB input dynamic range
50 Ω input impedance
1.25 V rms, 15 dBm, maximum input
Single-supply operation: 2.7 V to 5.5 V
Low power: 3.3 mW at 3 V supply
RoHS-compliant
APPLICATIONS
Measurement of CDMA-, CDMA2000-, W-CDMA-, and QPSK-/
QAM-based OFDM, and other complex modulation
waveforms
RF transmitter or receiver power measurement
5
0.03
0.1
1
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
Figure 1. Output vs. Input Level, Supply = 3 V, Frequency = 1.9 GHz
GENERAL DESCRIPTION
The ADL5501 is a mean-responding TruPwr™ power detector
for use in high frequency receiver and transmitter signal chains
from 50 MHz to 6 GHz. It is easy to apply, requiring only a single
supply between 2.7 V and 5.5 V and a power supply decoupling
capacitor. The input is internally ac-coupled and has a nominal
input impedance of 50 Ω. The output is a linear-responding dc
voltage with a conversion gain of 6.3 V/V rms at 900 MHz.
The ADL5501 is intended for true power measurement of simple
and complex waveforms. The device is particularly useful for
measuring high crest factor (high peak-to-rms ratio) signals,
such as CDMA-, CDMA2000-, W-CDMA-, and QPSK-/QAM-
based OFDM waveforms. The on-chip modulation filter provides
adequate averaging for most waveforms.
The on-chip, 100 Ω series resistance at the output, combined
with an external shunt capacitor, creates a low-pass filter response
that reduces the residual ripple in the dc output voltage. For more
complex waveforms, an external capacitor at the FLTR pin can
be used for supplementary signal demodulation.
The ADL5501 offers excellent temperature stability across a
30 dB range and near 0 dB measurement error across temperature
over the top portion of the dynamic range. In addition to its
temperature stability, the ADL5501 offers low process variations
that further reduce calibration complexity.
The ADL5501 operates from −40°C to +85°C and is available in
a small 6-lead SC-70 package. It is fabricated on a proprietary
high fT silicon bipolar process.
FUNCTIONAL BLOCK DIAGRAM
RFIN
BUFFER
VPOS
VRMS
COMM
ERROR
AMP
x2
x2
i
i
TRANS-
CONDICTANCE
CELLS
ADL5501
100Ω
FLTR
BAND-GAP
REFERENCE
ENBL
INTERNAL FILTER
CAPACITOR
Figure 2.


Similar Part No. - ADL5501_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5501-EVALZ AD-ADL5501-EVALZ Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5501AKSZ-R2 AD-ADL5501AKSZ-R2 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5501AKSZ-R7 AD-ADL5501AKSZ-R7 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
More results

Similar Description - ADL5501_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
   50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5903 AD-ADL5903 Datasheet
1Mb / 20P
   200 MHz to 6 GHz 35 dB TruPwr??Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com