Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-332J Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-332J
Description  2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-332J Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-332J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Table 2. Insulation and Safety Related Specifications
Parameter
Symbol
ACPL-332J
Units
Conditions
Minimum External Air Gap
(Clearance)
L(101)
8.3
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Tracking
(Creepage)
L(102)
8.3
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.5
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between
the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
105
°C
2
Output IC Junction Temperature
TJ
125
°C
2
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current,
(<1 μs pulse width, 300pps)
IF(TRAN)
1.0
A
Reverse Input Voltage
VR
5V
“High” Peak Output Current
IOH(PEAK)
2.5
A
3
“Low” Peak Output Current
IOL(PEAK)
2.5
A
3
Positive Input Supply Voltage
VCC1
-0.5
7.0
V
FAULT Output Current
IFAULT
8.0
mA
FAULT Pin Voltage
VFAULT
-0.5
VCC1
V
Total Output Supply Voltage
(VCC2 - VEE)
-0.5
35
V
Negative Output Supply Voltage
(VE - VEE)
-0.5
15
V
6
Positive Output Supply Voltage
(VCC2 - VE)
-0.5
35 - (VE - VEE)V
Gate Drive Output Voltage
VO(PEAK)
-0.5
VCC2
V
Peak Clamping Sinking Current
IClamp
1.7
A
Miller Clamping Pin Voltage
VClamp
-0.5
VCC2
V
DESAT Voltage
VDESAT
VE
VE + 10
V
Output IC Power Dissipation
PO
600
mW
2
Input IC Power Dissipation
PI
150
mW
2
Solder Reflow Temperature Profile
See Package Outline Drawings section
Table 4. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Operating Temperature
TA
- 40
105
°C
2
Total Output Supply Voltage
(VCC2 - VEE)15
30
V
7
Negative Output Supply Voltage
(VE - VEE)0
15
V
4
Positive Output Supply Voltage
(VCC2 - VE)
15
30 - (VE - VEE)V
Input Current (ON)
IF(ON)
812
mA
Input Voltage (OFF)
VF(OFF)
- 3.6
0.8
V


Similar Part No. - ACPL-332J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
More results

Similar Description - ACPL-332J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com