Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF284S Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF284S
Description  RF Power Field-Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF284S Datasheet(HTML) 2 Page - Motorola, Inc

  MRF284S Datasheet HTML 1Page - Motorola, Inc MRF284S Datasheet HTML 2Page - Motorola, Inc MRF284S Datasheet HTML 3Page - Motorola, Inc MRF284S Datasheet HTML 4Page - Motorola, Inc MRF284S Datasheet HTML 5Page - Motorola, Inc MRF284S Datasheet HTML 6Page - Motorola, Inc MRF284S Datasheet HTML 7Page - Motorola, Inc MRF284S Datasheet HTML 8Page - Motorola, Inc MRF284S Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MRF284 MRF284S
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 150 µAdc)
VGS(th)
2.0
3.0
4.0
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 200 mAdc)
VGS(q)
3.0
4.0
5.0
Vdc
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 1.0 Adc)
VDS(on)
0.3
0.6
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 1.0 Adc)
gfs
1.0
1.5
S
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
43
pF
Output Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1.0 MHz)
Coss
23
pF
Reverse Transfer Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1.0 MHz)
Crss
1.4
pF
FUNCTIONAL TESTS (in Motorola Test Fixture)
Common–Source Power Gain
(VDD = 26 Vdc, Pout = 30 W, IDQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
Gps
9
10.5
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W, IDQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
η
30
35
%
Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W, IDQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
IMD
–32
–29
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W, IDQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
IRL
9
15
dB
Common–Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 200 mA,
f1 = 1930.0 MHz, f2 = 1930.1 MHz)
Gps
9
10.4
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 200 mA,
f1 = 1930.0 MHz, f2 = 1930.1 MHz)
η
35
%
Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 200 mA,
f1 = 1930.0 MHz, f2 = 1930.1 MHz)
IMD
–34
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 200 mA,
f1 = 1930.0 MHz, f2 = 1930.1 MHz)
IRL
9
15
dB
Common–Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 200 mA,
f1 = 2000.0 MHz)
Gps
8.5
9.5
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 200 mA,
f1 = 2000.0 MHz)
η
35
45
%
Output Mismatch Stress
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 200 mA,
f1 = 2000.0 MHz, VSWR = 10:1,
at All Phase Angles)
Ψ
No Degradation In Output Power


Similar Part No. - MRF284S

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MRF284S NJSEMI-MRF284S Datasheet
109Kb / 2P
   RF Power Field Effect Transistors
More results

Similar Description - MRF284S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com