Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8655ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8655ARMZ
Description  Low Noise, Precision CMOS Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8655ARMZ Datasheet HTML 5Page - Analog Devices AD8655ARMZ Datasheet HTML 6Page - Analog Devices AD8655ARMZ Datasheet HTML 7Page - Analog Devices AD8655ARMZ Datasheet HTML 8Page - Analog Devices AD8655ARMZ Datasheet HTML 9Page - Analog Devices AD8655ARMZ Datasheet HTML 10Page - Analog Devices AD8655ARMZ Datasheet HTML 11Page - Analog Devices AD8655ARMZ Datasheet HTML 12Page - Analog Devices AD8655ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8655/AD8656
Rev. D | Page 9 of 20
120
100
80
60
40
20
0
–20
–40
10k
100k
1M
FREQUENCY (Hz)
10M
100M
–90
–135
–180
–225
–45
VS = ±2.5V
CLOAD = 11.5pF
PHASE MARGIN = 69°
Figure 23. Open-Loop Gain and Phase vs. Frequency
140.00
130.00
120.00
110.00
90.00
–50
0
50
TEMPERATURE (°C)
100
150
VS = ±2.5V
RL = 10kΩ
100.00
Figure 24. Large Signal Open-Loop Gain vs. Temperature
40
50
30
20
1k
10k
100k
1M
FREQUENCY (Hz)
10M
100M
VS = ±2.5V
RL = 1MΩ
CL = 47pF
10
0
–10
–20
Figure 25. Closed-Loop Gain vs. Frequency
6
5
4
3
2
1
0
10k
100k
1M
FREQUENCY (Hz)
10M
VS = ±2.5V
VIN = 5V
G = +1
Figure 26. Maximum Output Swing vs. Frequency
T
2
VS = ±2.5V
CL = 100pF
GAIN = +1
VIN = 4V
TIME (10
µs/DIV)
Figure 27. Large Signal Response
2
T
VS = ±2.5V
CL = 100pF
G = +1
TIME (1
µs/DIV)
Figure 28. Small Signal Response


Similar Part No. - AD8655ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8655ARMZ-R2 AD-AD8655ARMZ-R2 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
AD8655ARMZ-REEL AD-AD8655ARMZ-REEL Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
More results

Similar Description - AD8655ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8655 AD-AD8655 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Analog Devices
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
logo
Texas Instruments
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
[Old version datasheet]   Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Analog Devices
AD8603 AD-AD8603_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
Rev. C
AD8607 AD-AD8607_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com