Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTUD32211 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSTUD32211
Description  40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD32211 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSTUD32211 Datasheet HTML 1Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 2Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 3Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 4Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 5Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 6Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 7Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 8: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 9)
Note 9: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
Undershoot Characteristic (Note 10)
Note 10: This test is intended to characterize the device’s protective capabilities by maintaining output signal integrity during an input transient voltage
undershoot event.
FIGURE 1.
Device Test Conditions
Transient
Input Voltage (VIN) Waveform
Symbol
Parameter
TA = −40 °C to +85 °C,
Units
Conditions
Figure
Number
CL = 50pF, RU = RD = 500Ω
VCC = 4.5 – 5.5V
Min
Max
tPHL, tPLH
Propagation Delay Bus to Bus (Note 8)
0.25
ns
VI = OPEN
Figures
2, 3
tPZH, tPZL
Output Enable Time
1.5
10.0
ns
VI = 7V for tPZL
Figures
2, 3
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
9.0
ns
VI = 7V for tPLZ
Figures
2, 3
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC = 5.0V
CI/O
Input/Output Capacitance
6
pF
VCC, OE = 5.0V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOUTU
Output Voltage During Undershoot
2.5
VOH - 0.3
V
Figure 1
Parameter
Value
Units
VIN
see Waveforms
V
R1 = R2
100K
VTRI
11.0
V
VCC
5.5
V


Similar Part No. - FSTUD32211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
More results

Similar Description - FSTUD32211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTD32211 FAIRCHILD-FSTD32211 Datasheet
261Kb / 7P
   40/48-Bit Bus Switch with Level Shifting
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com