Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTUD16211GX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSTUD16211GX
Description  24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD16211GX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSTUD16211GX Datasheet HTML 1Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 2Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500390
www.fairchildsemi.com
June 2000
Revised August 2001
FSTUD16211
24-Bit Bus Switch with
−2V Undershoot Protection
and Level Shifting
General Description
The Fairchild Switch FSTUD16211 provides 24-bits of
high-speed CMOS TTL-compatible bus switching. The low
on resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise. A diode to VCC has been
integrated into the circuit to allow for level shifting between
5V inputs and 3.3V outputs.
The device is organized as a 12-bit or 24-bit bus switch.
When OE1 is LOW, the switch is ON and Port 1A is con-
nected to Port 1B. When OE2 is LOW, Port 2A is connected
to Port 2B. When OE1/2 is HIGH, a high impedance state
exists between the A and B Ports. The A and B Ports have
“undershoot hardened” circuit protection to support an
extended range to 2.0V below ground. Fairchild’s inte-
grated Undershoot Hardened Circuit (UHC
) senses
undershoot at the I/O’s, and responds by preventing volt-
age differentials from developing and turning on the switch.
Features
s Undershoot hardened to
−2V (A and B Ports)
s Voltage level shifting
s 4
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
s See Applications Note AN-5008 for details
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 1: BGA package available in Tape and Reel only.
Logic Diagram
UHC
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
FSTUD16211GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]
FSTUD16211MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - FSTUD16211GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211GX FAIRCHILD-FSTUD16211GX Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
More results

Similar Description - FSTUD16211GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com