Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS311HR-VA6R Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS311HR-VA6R
Description  High capacity / High reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS311HR-VA6R Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  PAS311HR-VA6R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PAS311HR-VA6R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PAS311HR-VA6R Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PAS311HR-VA6R Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High capacity / High reliability
RoHS / WEEE compliance
The world’s smallest capacitor
ANODE CAN
PAS-CATHODE
CATHODE CAN
PAS-ANODE
GASKET
SEPARATOR
SEM image of PAS
Coin type
Molecular structure of PAS
“PAS311 series”is the world’s smallest coin shaped capaci-
tors, which size is diameter 3.8mm × height 1.1mm.
This smallest product was carried out by developing
electrode materials, sealing technology and introducing
special processed heat resistance gasket.
PAS can store a large number of ions into its amorphous
structure (doping), therefore PAS capacitor has much
larger capacity than conventional electric double layer
capacitor. In addition, PAS is extremely stable material
and PAS capacitor shows excellent performance of cycle
life and durability to overcharge and overdischarge.
PAS capacitors are RoHS and WEEE compliant products
and have no recycling and collection duty that is required
in lithium ion battery’s case.
What is PAS …?
PAS(
Polyacenic Semiconductor), which has been originally developed
by Shoei Electronics is a kind of conductive polymers synthesized
through pyrolytic treatment of phenolic resin. PAS capacitors, in which
PAS is employed for both positive and negative electrodes, show
extremely high performance.
A member of TAIYO YUDEN Co.,Ltd.
PAS311SR-VA6R
PAS311HR-VA6R
PAS409HR-VE5R
PAS414HR-VG1
PAS414HR-VA5R
PAS414HR-VE5R
0.03
0.03
0.03
0.06
10
10
12
20
SR series
HR series
2.6
3.3
Part Number
Max. usable voltage
( V )
Capacitance
( F )
Capacity *
( μAh )
3.8
3.8
4.8
4.8
Cell diameter
( mm )
1.1
1.1
0.9
1.4
Cell height
( mm )
*SR series: Capacity is measured from 2.5V to 1.5V
HR series: Capacity is measured from 3.3V to 2.0V (approximately doubled capacity can be obtained from 3.3V to 1.0V)


Similar Part No. - PAS311HR-VA6R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS311HR-VA6R TAIYO-YUDEN-PAS311HR-VA6R Datasheet
188Kb / 4P
   COIN TYPE PAS CAPACITOR
More results

Similar Description - PAS311HR-VA6R

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
   High Surge Capacity
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
   High surge capacity
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
   High breaking capacity
logo
Mospec Semiconductor
F10C30 MOSPEC-F10C30 Datasheet
58Kb / 2P
   High Surge Capacity
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
   High switching capacity
logo
Pan Jit International I...
SB2040 PANJIT-SB2040 Datasheet
112Kb / 4P
   High surge capacity
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A Datasheet
157Kb / 4P
   High Capacity Rockers
logo
Kersemi Electronic Co.,...
MBR790 KERSEMI-MBR790 Datasheet
1Mb / 2P
   High Surge Capacity
logo
Mospec Semiconductor
HER201 MOSPEC-HER201 Datasheet
65Kb / 2P
   High Surge Capacity
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com