Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5209-1.8YU Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5209-1.8YU
Description  500mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5209-1.8YU Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5209-1.8YU Datasheet HTML 1Page - Micrel Semiconductor MIC5209-1.8YU Datasheet HTML 2Page - Micrel Semiconductor MIC5209-1.8YU Datasheet HTML 3Page - Micrel Semiconductor MIC5209-1.8YU Datasheet HTML 4Page - Micrel Semiconductor MIC5209-1.8YU Datasheet HTML 5Page - Micrel Semiconductor MIC5209-1.8YU Datasheet HTML 6Page - Micrel Semiconductor MIC5209-1.8YU Datasheet HTML 7Page - Micrel Semiconductor MIC5209-1.8YU Datasheet HTML 8Page - Micrel Semiconductor MIC5209-1.8YU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2006
1
M9999-060906
Typical Applications
1
3
2
0.1µF
22µF
tantalum
VOUT
2.5V ±1%
VIN
≥ 3.0V
MIC5209-2.5BS
3.3V Nominal-Input Slot-1
Power Supply
1
2
3
4
8
7
6
5
MIC5209-5.0BM
2.2µF
tantalum
VOUT
5V
470pF
(OPTIONAL)
VIN
6V
ENABLE
SHUTDOWN
Ultra-Low-Noise 5V Regulator
MIC5209
500mA Low-Noise LDO Regulator
General Description
The MIC5209 is an efficient linear voltage regulator with very
low dropout voltage, typically 10mV at light loads and less
than 500mV at full load, with better than 1% output voltage
accuracy.
Designed especially for hand-held, battery-powered devices,
the MIC5209 features low ground current to help prolong
battery life. An enable/shutdown pin on SO-8 and TO-263-
5 versions can further improve battery life with near-zero
shutdown current.
Key features include reversed-battery protection, current
limiting,overtemperatureshutdown,ultra-low-noisecapability
(SO-8 and TO-263-5 versions), and availability in thermally
efficient packaging. The MIC5209 is available in adjustable
or fixed output voltages.
For space-critical applications where peak currents do not
exceed 500mA, see the MIC5219.
Features
• Meets Intel® Slot 1 and Slot 2 requirements
®
®
• Guaranteed 500mA output over the full operating
temperature range
• Low 500mV maximum dropout voltage at full load
• Extremely tight load and line regulation
• Thermally-efficient surface-mount package
• Low temperature coefficient
• Current and thermal limiting
• Reversed-battery protection
• No-load stability
• 1% output accuracy
• Ultra-low-noise capability in SO-8 and TO-263-5
• Ultra-small 3mm x 3mm MLF™ package
Applications
• Pentium II Slot 1 and Slot 2 support circuits
• Laptop, notebook, and palmtop computers
• Cellular telephones
• Consumer and personal electronics
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC5209-1.8YU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209-1.8YU MICREL-MIC5209-1.8YU Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results

Similar Description - MIC5209-1.8YU

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com