Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5209-3.3BS Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5209-3.3BS
Description  500mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5209-3.3BS Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5209-3.3BS Datasheet HTML 1Page - Micrel Semiconductor MIC5209-3.3BS Datasheet HTML 2Page - Micrel Semiconductor MIC5209-3.3BS Datasheet HTML 3Page - Micrel Semiconductor MIC5209-3.3BS Datasheet HTML 4Page - Micrel Semiconductor MIC5209-3.3BS Datasheet HTML 5Page - Micrel Semiconductor MIC5209-3.3BS Datasheet HTML 6Page - Micrel Semiconductor MIC5209-3.3BS Datasheet HTML 7Page - Micrel Semiconductor MIC5209-3.3BS Datasheet HTML 8Page - Micrel Semiconductor MIC5209-3.3BS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MIC5209
Micrel, Inc.
M9999-060906
4
June 2006
Electrical Characteristics (Note 11)
VIN = VOUT + 1.0V; COUT = 4.7µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C except 0°C ≤ TJ ≤ +125°C
for 1.8V version; unless noted.
Symbol
Parameter
Conditions
Min
Typical Max
Units
VOUT
Output Voltage Accuracy
variation from nominal VOUT
–1
1
%
–2
2
%
ΔVOUT/ΔT
Output Voltage
Note 4
40
ppm/°C
Temperature Coefficient
ΔVOUT/VOUT Line Regulation
VIN = VOUT + 1V to 16V
0.009
0.05
%/V
0.1
%/V
ΔVOUT/VOUT Load Regulation
IOUT = 100µA to 500mA(5)
(5)
0.05
0.5
%
0.7
%
VIN – VOUT
Dropout Voltage(6)
(6)
IOUT = 100µA
10
60
mV
80
mV
IOUT = 50mA
115
175
mV
250
mV
IOUT = 150mA
165
300
mV
400
mV
IOUT = 500mA
350
500
mV
600
mV
IGND
Ground Pin Current(7, 8)
(7, 8)
VEN ≥ 3.0V, IOUT = 100µA
80
130
µA
170
µA
VEN ≥ 3.0V, IOUT = 50mA
350
650
µA
900
µA
VEN ≥ 3.0V, IOUT = 150mA
1.8
2.5
mA
3.0
mA
VEN ≥ 3.0V, IOUT = 500mA
8
20
mA
25
mA
IGND
Ground Pin Quiescent Current(8)
(8)
VEN ≤ 0.4V (shutdown)
0.05
3
µA
VEN ≤ 0.18V (shutdown)
0.10
8
µA
PSRR
Ripple Rejection
f = 120Hz
75
dB
ILIMIT
Current Limit
VOUT = 0V
700
900
mA
1000
mA
ΔVOUT/ΔPD Thermal Regulation
Note 9
0.05
%/W
eno
Output Noise(10)
(10)
VOUT = 2.5V, IOUT = 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
COUT = 2.2µF, CBYP = 0
IOUT = 50mA, COUT = 2.2µF, CBYP = 470pF
300
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
Symbol
Parameter
Conditions
Min
Typical Max
Units
/ΔT
Output Voltage
Temperature Coefficient
Line Regulation
V
Load Regulation
I
I
I
I
Ground Pin Current
V
V
V
Ground Pin Quiescent Current
V
PSRR
Ripple Rejection
f = 120Hz
75
dB
Current Limit
V
Thermal Regulation
Output Noise
C
I
Symbol
Parameter
Conditions
Min
Typical Max
Units
Output Voltage Accuracy
variation from nominal V
Temperature Coefficient
Line Regulation
V
Load Regulation
I
I
I
I
I
600
V
V
V
V
V
V
PSRR
Ripple Rejection
f = 120Hz
75
dB
Current Limit
V
V
C
I
Symbol
Parameter
Conditions
Min
Typical Max
Units
–1
1
%
Temperature Coefficient
+ 1V to 16V
0.009
0.05
%/V
0.05
0.5
%
= 100µA
10
60
mV
= 50mA
115
175
mV
= 150mA
165
300
mV
= 500mA
350
500
mV
600
= 100µA
80
130
µA
= 50mA
350
650
µA
= 150mA
1.8
2.5
mA
= 500mA
8
20
mA
≤ 0.4V (shutdown)
0.05
≤ 0.18V (shutdown)
0.10
PSRR
Ripple Rejection
f = 120Hz
75
dB
= 0V
700
Note 9
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
Symbol
Parameter
Conditions
Min
Typical Max
Units
–1
1
%
–2
2
40
Temperature Coefficient
+ 1V to 16V
0.009
0.05
%/V
0.05
0.5
%
= 100µA
10
60
mV
= 50mA
115
175
mV
= 150mA
165
300
mV
= 500mA
350
500
mV
600
= 100µA
80
130
µA
= 50mA
350
650
µA
= 150mA
1.8
2.5
mA
= 500mA
8
20
mA
≤ 0.4V (shutdown)
0.05
≤ 0.18V (shutdown)
0.10
PSRR
Ripple Rejection
f = 120Hz
75
dB
= 0V
700
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
Symbol
Parameter
Conditions
Min
Typical Max
Units
–1
1
%
–2
2
ppm/°C
+ 1V to 16V
0.009
0.05
%/V
0.05
0.5
%
= 100µA
10
60
mV
= 50mA
115
175
mV
= 150mA
165
300
mV
= 500mA
350
500
mV
600
= 100µA
80
130
µA
= 50mA
350
650
µA
= 150mA
1.8
2.5
mA
= 500mA
8
20
mA
PSRR
Ripple Rejection
f = 120Hz
75
dB
0.05
%/W
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
Symbol
Parameter
Conditions
Min
Typical Max
Units
–1
1
%
ppm/°C
+ 1V to 16V
0.009
0.05
%/V
0.05
0.5
%
0.7
%
= 100µA
10
60
mV
= 50mA
115
175
mV
= 150mA
165
300
mV
= 500mA
350
500
mV
= 100µA
80
130
µA
= 50mA
350
650
µA
= 150mA
1.8
2.5
mA
= 500mA
8
20
mA
PSRR
Ripple Rejection
f = 120Hz
75
dB
900
mA
0.05
%/W
= 50mA,
500
nV √Hz
= 50mA,
500
nV √Hz
= 470pF
300
nV √Hz
= 470pF
300
nV √Hz
Absolute Maximum Ratings(1)
Supply Input Voltage (VIN)..............................–20V to +20V
Power Dissipation (PD)..........................Internally Limited(3)
Junction Temperature (TJ)
all except 1.8V ...................................... –40°C to +125°C
1.8V only................................................... 0°C to +125°C
Lead Temperature (soldering, 5 sec.)........................ 260°C
Storage Temperature (TS) ........................ –65°C to +150°C
Operating Ratings(2)
Supply Input Voltage (VIN)............................ +2.5V to +16V
Enable Input Voltage (VEN) ...................................0V to VIN
Junction Temperature (TJ)
all except 1.8V ...................................... –40°C to +125°C
1.8V only................................................... 0°C to +125°C
Package Thermal Resistance...................................
Note 3


Similar Part No. - MIC5209-3.3BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209-3.3BS MICREL-MIC5209-3.3BS Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
MIC5209-3.3BS MICREL-MIC5209-3.3BS Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results

Similar Description - MIC5209-3.3BS

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com